Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SP Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP23017T-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SP Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP23017T-E/SP Datasheet HTML 17Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 18Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 19Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 20Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 21Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 22Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 23Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 24Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 21
MCP23017/MCP23S17
The Open-Drain (ODR) control bit enables/disables the
INT pin for open-drain configuration. Setting this bit
overrides the INTPOL bit.
The Interrupt Polarity (INTPOL) sets the polarity of the
INT pin. This bit is functional only when the ODR bit is
cleared, configuring the INT pin as active push-pull.
REGISTER 3-6:
IOCON: I/O EXPANDER CONFIGURATION REGISTER (ADDR 0x05)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
BANK
MIRROR
SEQOP
DISSLW
HAEN
ODR
INTPOL
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
BANK: Controls how the registers are addressed
1
= The registers associated with each port are separated into different banks.
0
= The registers are in the same bank (addresses are sequential).
bit 6
MIRROR: INT Pins Mirror bit
1
= The INT pins are internally connected
0
= The INT pins are not connected. INTA is associated with PORTA and INTB is associated with
PORTB
bit 5
SEQOP: Sequential Operation mode bit
1
= Sequential operation disabled, address pointer does not increment.
0
= Sequential operation enabled, address pointer increments.
bit 4
DISSLW: Slew Rate control bit for SDA output
1
= Slew rate disabled
0
= Slew rate enabled
bit 3
HAEN: Hardware Address Enable bit (MCP23S17 only) (Note 1)
1
= Enables the MCP23S17 address pins.
0
= Disables the MCP23S17 address pins.
bit 2
ODR: Configures the INT pin as an open-drain output
1
= Open-drain output (overrides the INTPOL bit.)
0
= Active driver output (INTPOL bit sets the polarity.)
bit 1
INTPOL: This bit sets the polarity of the INT output pin
1
= Active-high
0
=Active-low
bit 0
Unimplemented: Read as ‘0’
Note 1:
Address pins are always enabled on the MCP23017.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com