Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SP Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP23017T-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SP Datasheet(HTML) 4 Page - Microchip Technology

  MCP23017T-E/SP Datasheet HTML 1Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 2Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 3Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 4Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 5Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 6Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 7Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 8Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 4
 2005-2016 Microchip Technology Inc.
1.1
DC Characteristics
TABLE 1-1:
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C
Param.
No.
Characteristic
Sym.
Min.
Typ.(1)
Max.
Units
Conditions
D001
Supply Voltage
VDD
1.8
—
5.5
V
D002
VDD Start Voltage to
ensure Power-on Reset
VPOR
—VSS
—V
D003
VDD Rise Rate to ensure
Power-on Reset
SVDD
0.05
—
—
V/ms
Design guidance only.
Not tested.
D004
Supply Current
IDD
—
—
1
mA
SCL/SCK = 1 MHz
D005
Standby current
IDDS8
——
1
µA
-40°C
 T
A  +85°C
——
3
µA
4.5V
V
DD 5.5V
+85°C
 T
A +125C
(Note 1)
Input Low Voltage
D030
A0, A1, A2 (TTL buffer)
VIL
VSS
—0.15 VDD
V
D031
CS, GPIO, SCL/SCK,
SDA, RESET
(Schmitt Trigger)
VIL
VSS
—0.2 VDD
V
Input High Voltage
D040
A0, A1, A2 (TTL buffer)
VIH
0.25 VDD + 0.8
—
VDD
V
D041
CS, GPIO, SCL/SCK,
SDA, RESET
(Schmitt Trigger)
VIH
0.8 VDD
—VDD
V
For entire VDD range
Input Leakage Current
D060
I/O port pins
IIL
——
±1
µA
VSS VPIN VDD
Output Leakage Current
D065
I/O port pins
ILO
——
±1
µA
VSS VPIN VDD
D070
GPIO weak pull-up
current
IPU
40
75
115
µA
VDD = 5V
GP pins = VSS
Output Low-Voltage
D080
GPIO
VOL
——
0.6
V
IOL = 8.0 mA
VDD = 4.5V
INT
VOL
——
0.6
V
IOL = 1.6 mA
VDD = 4.5V
SO, SDA
VOL
——
0.6
V
IOL = 3.0 mA
VDD = 1.8V
SDA
VOL
——
0.8
V
IOL = 3.0 mA
VDD = 4.5V
Output High-Voltage
D090
GPIO, INT, SO
VOH
VDD – 0.7
—
—
V
IOH = -3.0 mA
VDD = 4.5V
VDD – 0.7
—
—
IOH = -400 µA
VDD = 1.8V
Capacitive Loading Specs on Output Pins
D101
GPIO, SO, INT
CIO
——
50
pF
D102
SDA
CB
—
—
400
pF
Note 1:
This parameter is characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com