Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SP Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP23017T-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SP Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP23017T-E/SP Datasheet HTML 18Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 19Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 20Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 21Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 22Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 23Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 24Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 25Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 22
 2005-2016 Microchip Technology Inc.
3.5.7
PULL-UP RESISTOR
CONFIGURATION REGISTER
The GPPU register controls the pull-up resistors for the
port pins. If a bit is set and the corresponding pin is
configured as an input, the corresponding port pin is
internally pulled up with a 100 k
 resistor.
3.5.8
INTERRUPT FLAG REGISTER
The INTF register reflects the interrupt condition on the
port pins of any pin that is enabled for interrupts via the
GPINTEN register. A set bit indicates that the
associated pin caused the interrupt.
This register is read-only. Writes to this register will be
ignored.
REGISTER 3-7:
GPPU: GPIO PULL-UP RESISTOR REGISTER (ADDR 0x06)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PU<7:0> Controls the weak pull-up resistors on each pin (when configured as an input)
1
= Pull-up enabled
0
= Pull-up disabled
REGISTER 3-8:
INTF: INTERRUPT FLAG REGISTER (ADDR 0x07)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
INT<7:0>: Reflects the interrupt condition on the port. It reflects the change only if interrupts are
enabled per GPINTEN<7:0>.
1
= Pin caused interrupt.
0
= Interrupt not pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com