Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SP Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP23017T-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SP Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP23017T-E/SP Datasheet HTML 8Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 9Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 10Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 11Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 12Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 13Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 14Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 15Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 12
 2005-2016 Microchip Technology Inc.
3.0
DEVICE OVERVIEW
The
MCP23017/MCP23S17
(MCP23X17)
device
family provides 16-bit, general purpose parallel I/O
expansion for I2C bus or SPI applications. The two
devices differ only in the serial interface:
• MCP23017 – I2C interface
• MCP23S17 – SPI interface
The MCP23X17 consists of multiple 8-bit configuration
registers for input, output and polarity selection. The
system master can enable the I/Os as either inputs or
outputs by writing the I/O configuration bits (IODIRA/B).
The data for each input or output is kept in the
corresponding input or output register. The polarity of
the Input Port register can be inverted with the Polarity
Inversion register. All registers can be read by the
system master.
The 16-bit I/O port functionally consists of two 8-bit
ports (PORTA and PORTB). The MCP23X17 can be
configured to operate in the 8-bit or 16-bit modes via
IOCON.BANK.
There are two interrupt pins, INTA and INTB, that can
be associated with their respective ports, or can be
logically OR’ed together so that both pins will activate if
either port causes an interrupt.
The interrupt output can be configured to activate
under two conditions (mutually exclusive):
1.
When
any
input
state
differs
from
its
corresponding Input Port register state. This is
used to indicate to the system master that an
input state has changed.
2.
When an input state differs from a preconfigured
register value (DEFVAL register).
The Interrupt Capture register captures port values at
the time of the interrupt, thereby saving the condition
that caused the interrupt.
The Power-on Reset (POR) sets the registers to their
default values and initializes the device state machine.
The hardware address pins are used to determine the
device address.
3.1
Power-on Reset (POR)
The on-chip POR circuit holds the device in reset until
VDD has reached a high enough voltage to deactivate
the POR circuit (i.e., release the device from reset).
The maximum VDD rise time is specified in Section 1.0
“Electrical Characteristics”.
When the device exits the POR condition (releases
reset), device operating parameters (i.e., voltage,
temperature, serial bus frequency, etc.) must be met to
ensure proper operation.
3.2
Serial Interface
This block handles the functionality of the I2C
(MCP23017) or SPI (MCP23S17) interface protocol.
The MCP23X17 contains 22 individual registers (11
register pairs) that can be addressed through the Serial
Interface block, as shown in Table 3-1.
TABLE 3-1:
REGISTER ADDRESSES
Address
IOCON.BANK = 1
Address
IOCON.BANK = 0
Access to:
00h
00h
IODIRA
10h
01h
IODIRB
01h
02h
IPOLA
11h
03h
IPOLB
02h
04h
GPINTENA
12h
05h
GPINTENB
03h
06h
DEFVALA
13h
07h
DEFVALB
04h
08h
INTCONA
14h
09h
INTCONB
05h
0Ah
IOCON
15h
0Bh
IOCON
06h
0Ch
GPPUA
16h
0Dh
GPPUB
07h
0Eh
INTFA
17h
0Fh
INTFB
08h
10h
INTCAPA
18h
11h
INTCAPB
09h
12h
GPIOA
19h
13h
GPIOB
0Ah
14h
OLATA
1Ah
15h
OLATB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com