Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SP Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP23017T-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SP Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP23017T-E/SP Datasheet HTML 7Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 8Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 9Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 10Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 11Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 12Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 13Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 14Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 11
MCP23017/MCP23S17
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PINOUT DESCRIPTION
Pin
Name
QFN
SOIC
SPDIP
SSOP
Pin
Type
Function
GPB0
25
1
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB1
26
2
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB2
27
3
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB3
28
4
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB4
1
5
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB5
2
6
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB6
3
7
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB7
4
8
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
VDD
5
9
P
Power
VSS
6
10
P
Ground
NC/CS
7
11
I
NC (MCP23017)/Chip Select (MCP23S17)
SCK
8
12
I
Serial clock input
SDA/SI
9
13
I/O
Serial data I/O (MCP23017)/Serial data input (MCP23S17)
NC/SO
10
14
O
NC (MCP23017)/Serial data out (MCP23S17)
A0
11
15
I
Hardware address pin. Must be externally biased.
A1
12
16
I
Hardware address pin. Must be externally biased.
A2
13
17
I
Hardware address pin. Must be externally biased.
RESET
14
18
I
Hardware reset. Must be externally biased.
INTB
15
19
O
Interrupt output for PORTB. Can be configured as active-high, active-low or open-drain.
INTA
16
20
O
Interrupt output for PORTA. Can be configured as active-high, active-low or open-drain.
GPA0
17
21
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA1
18
22
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA2
19
23
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA3
20
24
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA4
21
25
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA5
22
26
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA6
23
27
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA7
24
28
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
EP
29
—
—
Exposed Thermal Pad. Either connect to VSS, or leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com