Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SP Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP23017T-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SP Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP23017T-E/SP Datasheet HTML 34Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 35Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 36Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 37Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 38Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 39Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 40Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 41Page - Microchip Technology MCP23017T-E/SP Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 39
MCP23017/MCP23S17
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP23017:
16-Bit I/O Expander with I2C Interface
MCP23S17:
16-Bit I/O Expander with SPI Interface
Temperature
Range:
E=
-40
C to +125C (Extended)
Package:
ML
=
Plastic Quad Flat, No Lead Package, 6x6 mm
Body, QFN, 28-lead
SO
=
Plastic Small Outline, Wide, 7.50 mm Body, SOIC,
28-Lead
SP
=
Skinny Plastic Dual In-Line, 300 mil Body, SPDIP,
28-Lead
SS
=
Plastic Shrink Small Outline, 5.30 mm Body,
SSOP, 28-Lead
Tape and Reel
Option:
T
= Tape and Reel (1)
Blank = Tube
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP23017-E/ML:
Extended temperature,
28LD QFN package
b)
MCP23017T-E/ML:
Extended temperature,
28LD QFN package,
Tape and Reel
c)
MCP23017-E/SP:
Extended temperature ,
28LD SPDIP package
d)
MCP23017-E/SO:
Extended temperature,
28LD SOIC package
e)
MCP23017T-E/SO:
Extended temperature,
28LD SOIC package,
Tape and Reel
f)
MCP23017-E/SS:
Extended temperature,
28LD SSOP package
g)
MCP23017T-E/SS:
Extended temperature,
28LD SSOP package,
Tape and Reel
a)
MCP23S17-E/ML:
Extended temperature,
28LD QFN package
b)
MCP23S17T-E/ML:
Extended temperature,
28LD QFN package,
Tape and Reel
c)
MCP23S17-E/SP:
Extended temperature,
28LD SPDIP package
d)
MCP23S17-E/SO:
Extended temperature,
28LD SOIC package
e)
MCP23S17T-E/SO:
Extended temperature,
28LD SOIC package,
Tape and Reel
f)
MCP23S17-E/SS:
Extended temperature,
28LD SSOP package
g)
MCP23S17T-E/SS:
Extended temperature,
28LD SSOP package
Tape and Reel
–
X (1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com