Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/SP Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP23017-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SP Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP23017-E/SP Datasheet HTML 16Page - Microchip Technology MCP23017-E/SP Datasheet HTML 17Page - Microchip Technology MCP23017-E/SP Datasheet HTML 18Page - Microchip Technology MCP23017-E/SP Datasheet HTML 19Page - Microchip Technology MCP23017-E/SP Datasheet HTML 20Page - Microchip Technology MCP23017-E/SP Datasheet HTML 21Page - Microchip Technology MCP23017-E/SP Datasheet HTML 22Page - Microchip Technology MCP23017-E/SP Datasheet HTML 23Page - Microchip Technology MCP23017-E/SP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 20
 2005-2016 Microchip Technology Inc.
3.5.5
INTERRUPT CONTROL REGISTER
The INTCON register controls how the associated pin
value is compared for the interrupt-on-change feature.
If a bit is set, the corresponding I/O pin is compared
against the associated bit in the DEFVAL register. If a
bit value is clear, the corresponding I/O pin is compared
against the previous value.
3.5.6
CONFIGURATION REGISTER
The
IOCON
register
contains
several
bits
for
configuring the device:
The BANK bit changes how the registers are mapped
(see Tables 3-4 and3-5 for more details).
• If BANK = 1, the registers associated with each
port are segregated. Registers associated with
PORTA are mapped from address 00h - 0Ah and
registers associated with PORTB are mapped
from 10h - 1Ah.
• If BANK = 0, the A/B registers are paired. For
example, IODIRA is mapped to address 00h and
IODIRB is mapped to the next address (address
01h). The mapping for all registers is from 00h
-15h.
It is important to take care when changing the BANK bit
as the address mapping changes after the byte is
clocked into the device. The address pointer may point
to an invalid location after the bit is modified.
For
example,
if
the
device
is
configured
to
automatically increment its internal Address Pointer,
the following scenario would occur:
• BANK = 0
• Write 80h to address 0Ah (IOCON) to set the
BANK bit
• Once the write completes, the internal address
now points to 0Bh which is an invalid address
when the BANK bit is set.
For this reason, when changing the BANK bit, it is
advised to only perform byte writes to this register.
The MIRROR bit controls how the INTA and INTB pins
function with respect to each other.
• When MIRROR = 1, the INTn pins are functionally
OR’ed so that an interrupt on either port will cause
both pins to activate.
• When MIRROR = 0, the INT pins are separated.
Interrupt conditions on a port will cause its
respective INT pin to activate.
The Sequential Operation (SEQOP) controls the
incrementing function of the Address Pointer. If the
address pointer is disabled, the Address Pointer does
not automatically increment after each byte is clocked
during a serial transfer. This feature is useful when it is
desired to continuously poll (read) or modify (write) a
register.
The Slew Rate (DISSLW) bit controls the slew rate
function on the SDA pin. If enabled, the SDA slew rate
will be controlled when driving from a high to low.
The
Hardware
Address
Enable
(HAEN)
bit
enables/disables
hardware
addressing
on
the
MCP23S17 only. The address pins (A2, A1 and A0)
must be externally biased, regardless of the HAEN bit
value.
If enabled (HAEN = 1), the device’s hardware address
matches the address pins.
If disabled (HAEN = 0), the device’s hardware address
is A2 = A1 = A0 = 0.
REGISTER 3-5:
INTCON: INTERRUPT-ON-CHANGE CONTROL REGISTER (ADDR 0x04) (Note 1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
IOC<7:0>: Controls how the associated pin value is compared for interrupt-on-change <7:0>
1
= Pin value is compared against the associated bit in the DEFVAL register.
0
= Pin value is compared against the previous pin value.
Note 1:
Refer to INTCON and GPINTEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com