Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/SP Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP23017-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SP Datasheet(HTML) 5 Page - Microchip Technology

  MCP23017-E/SP Datasheet HTML 1Page - Microchip Technology MCP23017-E/SP Datasheet HTML 2Page - Microchip Technology MCP23017-E/SP Datasheet HTML 3Page - Microchip Technology MCP23017-E/SP Datasheet HTML 4Page - Microchip Technology MCP23017-E/SP Datasheet HTML 5Page - Microchip Technology MCP23017-E/SP Datasheet HTML 6Page - Microchip Technology MCP23017-E/SP Datasheet HTML 7Page - Microchip Technology MCP23017-E/SP Datasheet HTML 8Page - Microchip Technology MCP23017-E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 5
MCP23017/MCP23S17
1.2
AC Characteristics
FIGURE 1-1:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
FIGURE 1-2:
RESET AND DEVICE RESET TIMER TIMING
TABLE 1-2:
DEVICE RESET SPECIFICATIONS
AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C
Param.
No.
Characteristic
Sym.
Min.
Typ. (1)
Max.
Units
Conditions
30
RESET Pulse Width
(Low)
TRSTL
1—
—
µs
32
Device Active After Reset
high
THLD
—0
—
ns
VDD = 5.0V
34
Output High-Impedance
From RESET Low
TIOZ
——
1
µs
Note 1:
This parameter is characterized, not 100% tested.
135 pF
1k
VDD
SCL and
SDA pin
MCP23017
50 pF
Pin
VDD
RESET
Internal
RESET
34
Output pin
32
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com