Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/SP Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP23017-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SP Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP23017-E/SP Datasheet HTML 12Page - Microchip Technology MCP23017-E/SP Datasheet HTML 13Page - Microchip Technology MCP23017-E/SP Datasheet HTML 14Page - Microchip Technology MCP23017-E/SP Datasheet HTML 15Page - Microchip Technology MCP23017-E/SP Datasheet HTML 16Page - Microchip Technology MCP23017-E/SP Datasheet HTML 17Page - Microchip Technology MCP23017-E/SP Datasheet HTML 18Page - Microchip Technology MCP23017-E/SP Datasheet HTML 19Page - Microchip Technology MCP23017-E/SP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 16
 2005-2016 Microchip Technology Inc.
FIGURE 3-7:
SPI ADDRESSING REGISTERS
3.4
GPIO Port
The GPIO module is a general purpose, 16-bit wide,
bidirectional port that is functionally split into two
8-bit wide ports.
The GPIO module contains the data ports (GPIOn),
internal pull-up resistors and the output latches
(OLATn).
Reading the GPIOn register reads the value on the
port. Reading the OLATn register only reads the
latches, not the actual value on the port.
Writing to the GPIOn register actually causes a write to
the latches (OLATn). Writing to the OLATn register
forces the associated output drivers to drive to the level
in OLATn. Pins configured as inputs turn off the
associated output driver and put it in high-impedance.
01
00
A2 * A1 * A0 * R/W
A7
A6
A5
A4
A3
A2
A1
A0
Device Opcode
Register Address
CS
* Address pins are enabled/disabled via IOCON.HAEN.
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH THE GPIO PORTS (BANK = 1)
Register
Name
Address
(hex)
bit 7bit 6bit 5
bit 4bit 3bit 2bit 1
bit 0
POR/RST
value
IODIRA
00
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
1111 1111
IPOLA
01IP7
IP6IP5
IP4IP3
IP2IP1
IP0
0000 0000
GPINTENA
02
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
0000 0000
GPPUA
06
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
0000 0000
GPIOA
09
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
0000 0000
OLATA
0A
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
0000 0000
IODIRB
10
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
1111 1111
IPOLB
11
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
0000 0000
GPINTENB
12
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
0000 0000
GPPUB
16
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
0000 0000
GPIOB
19
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
0000 0000
OLATB
1A
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
0000 0000
TABLE 3-3:
SUMMARY OF REGISTERS ASSOCIATED WITH THE GPIO PORTS (BANK = 0)
Register
Name
Address
(hex)
bit 7bit 6bit 5
bit 4bit 3bit 2bit 1
bit 0
POR/RST
value
IODIRA
00
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
1111 1111
IODIRB
01
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
1111 1111
IPOLA
02IP7
IP6IP5
IP4IP3
IP2IP1
IP0
0000 0000
IPOLB
03
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
0000 0000
GPINTENA
04
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
0000 0000
GPINTENB
05
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
0000 0000
GPPUA
0C
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
0000 0000
GPPUB
0D
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
0000 0000
GPIOA
12
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
0000 0000
GPIOB
13
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
0000 0000
OLATA
14
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
0000 0000
OLATB
15
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com