Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/SP Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP23017-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SP Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP23017-E/SP Datasheet HTML 10Page - Microchip Technology MCP23017-E/SP Datasheet HTML 11Page - Microchip Technology MCP23017-E/SP Datasheet HTML 12Page - Microchip Technology MCP23017-E/SP Datasheet HTML 13Page - Microchip Technology MCP23017-E/SP Datasheet HTML 14Page - Microchip Technology MCP23017-E/SP Datasheet HTML 15Page - Microchip Technology MCP23017-E/SP Datasheet HTML 16Page - Microchip Technology MCP23017-E/SP Datasheet HTML 17Page - Microchip Technology MCP23017-E/SP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 14
 2005-2016 Microchip Technology Inc.
3.2.2.2
I2C Read Operation
I2C Read operations include the control byte sequence,
as shown in Figure 3-2. This sequence is followed by
another control byte (including the Start condition and
ACK) with the R/W bit set (R/W = 1). The MCP23017
then transmits the data contained in the addressed
register. The sequence is ended with the master
generating a Stop or Restart condition.
FIGURE 3-2:
BYTE AND SEQUENTIAL READ
3.2.2.3
I2C Sequential Write/Read
For sequential operations (Write or Read), instead of
transmitting a Stop or Restart condition after the data
transfer, the master clocks the next byte pointed to by
the address pointer (see Section 3.2.1 “Byte Mode
and Sequential Mode” for details regarding sequential
operation control).
The sequence ends with the master sending a Stop or
Restart condition.
The MCP23017 Address Pointer will roll over to
address zero after reaching the last register address.
Refer to Figure 3-3.
FIGURE 3-3:
MCP23017 I2C DEVICE PROTOCOL
SR
R
OP
DOUT
DOUT
....
P
S
W
OP
SR
R
OP
DOUT
P
Byte
Sequential S
W
OP
S
P
SR
W
R
OP
ADDR
DIN
DIN
....
P
W
OP
ADDR
DOUT
D OUT
....
P
SR
W
OP
DIN
DIN
....
P
P
SR
R
DOUT
DOUT
....
P
OP
....
P
SR
OP
DIN
....
P
DIN
DOUT
DOUT
S
R
OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com