Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/SP Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP23017-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SP Datasheet(HTML) 1 Page - Microchip Technology

  MCP23017-E/SP Datasheet HTML 1Page - Microchip Technology MCP23017-E/SP Datasheet HTML 2Page - Microchip Technology MCP23017-E/SP Datasheet HTML 3Page - Microchip Technology MCP23017-E/SP Datasheet HTML 4Page - Microchip Technology MCP23017-E/SP Datasheet HTML 5Page - Microchip Technology MCP23017-E/SP Datasheet HTML 6Page - Microchip Technology MCP23017-E/SP Datasheet HTML 7Page - Microchip Technology MCP23017-E/SP Datasheet HTML 8Page - Microchip Technology MCP23017-E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 1
MCP23017/MCP23S17
Features
• 16-Bit Remote Bidirectional I/O Port:
- I/O pins default to input
• High-Speed I2C Interface (MCP23017):
-100 kHz
-400 kHz
-1.7 MHz
• High-Speed SPI Interface (MCP23S17):
- 10 MHz (maximum)
• Three Hardware Address Pins to Allow Up to
Eight Devices On the Bus
• Configurable Interrupt Output Pins:
- Configurable as active-high, active-low or
open-drain
• INTA and INTB Can Be Configured to Operate
Independently or Together
• Configurable Interrupt Source:
- Interrupt-on-change from configured register
defaults or pin changes
• Polarity Inversion Register to Configure the
Polarity of the Input Port Data
• External Reset Input
• Low Standby Current: 1 µA (max.)
• Operating Voltage:
- 1.8V to 5.5V @ -40°C to +85°C
- 2.7V to 5.5V @ -40°C to +85°C
- 4.5V to 5.5V @ -40°C to +125°C
Packages
• 28-pin QFN, 6 x 6 mm Body
• 28-pin SOIC, Wide, 7.50 mm Body
• 28-pin SPDIP, 300 mil Body
• 28-pin SSOP, 5.30 mm Body
Package Types
2
3
4
5
6
1
7
VSS
NC
15
16
17
18
19
20
21
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
INTB
23
24
25
26
27
28
22
10 11
8 9
121314
GPB5
GPB6
GPB7
GPB4
INTA
GPB0
GPB1
GPB2
GPB3
INTA
GPB4
NC
NC
GPB5
GPB6
GPB7
SCK
GPA7
GPA6
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
VSS
A2
A1
A0
SDA
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
INTB
RESET
EP
29 *
SPDIP
SSOP
SOIC
QFN
* Includes Exposed Thermal Pad; see Table 2-1.
2
3
4
5
6
1
7
VSS
CS
15
16
17
18
19
20
21
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
INTB
23
24
25
26
27
28
22
10 11
8 9
121314
GPB5
GPB6
GPB7
GPB4
INTA
EP
29 *
GPB0
GPB1
GPB2
GPB3
INTA
GPB4
SO
CS
GPB5
GPB6
GPB7
SCK
GPA7
GPA6
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
VSS
A2
A1
A0
SI
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
INTB
RESET
MCP23S17
MCP23017
16-Bit I/O Expander with Serial Interface


Similar Part No. - MCP23017-E/SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23017-E/SP MICROCHIP-MCP23017-E/SP Datasheet
947Kb / 48P
16-Bit I/O Expander with Serial Interface
2007
More results

Similar Description - MCP23017-E/SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
8-Bit I/O Expander with Serial Interface
2005
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
16-Bit I/O Expander with Serial Interface
2007
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com