Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/SP Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP23017-E/SP
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SP Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP23017-E/SP Datasheet HTML 2Page - Microchip Technology MCP23017-E/SP Datasheet HTML 3Page - Microchip Technology MCP23017-E/SP Datasheet HTML 4Page - Microchip Technology MCP23017-E/SP Datasheet HTML 5Page - Microchip Technology MCP23017-E/SP Datasheet HTML 6Page - Microchip Technology MCP23017-E/SP Datasheet HTML 7Page - Microchip Technology MCP23017-E/SP Datasheet HTML 8Page - Microchip Technology MCP23017-E/SP Datasheet HTML 9Page - Microchip Technology MCP23017-E/SP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 6
 2005-2016 Microchip Technology Inc.
FIGURE 1-3:
I2C BUS START/STOP BITS TIMING
FIGURE 1-4:
I2C BUS DATA TIMING
TABLE 1-3:
I2C BUS DATA REQUIREMENTS
I2C Interface AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C, RPU (SCL,
SDA) = 1 k
, C
L (SCL, SDA) = 135 pF
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max. Units
Conditions
100
Clock High Time:
THIGH
100 kHz mode
4.0
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
2.7V – 5.5V
1.7 MHz mode
0.12
—
—
µs
4.5V – 5.5V
101
Clock Low Time:
TLOW
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V
400 kHz mode
1.3
—
—
µs
2.7V – 5.5V
1.7 MHz mode
0.32
—
—
µs
4.5V – 5.5V
102
SDA and SCL Rise Time:
TR
(1)
100 kHz mode
—
—
1000
ns
1.8V – 5.5V
400 kHz mode
20 + 0.1 CB
(2)
—
300
ns
2.7V – 5.5V
1.7 MHz mode
20
—
160
ns
4.5V – 5.5V
103
SDA and SCL Fall Time:
TF
(1)
100 kHz mode
—
—
300
ns
1.8V – 5.5V
400 kHz mode
20 + 0.1 CB
(2)
—
300
ns
2.7V – 5.5V
1.7 MHz mode
20
—
80
ns
4.5V – 5.5V
Note 1:
This parameter is characterized, not 100% tested.
2:
CB is specified to be from 10 to 400 pF.
91
93
SCL
SDA
Start
Condition
Stop
Condition
90
92
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com