Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035-I/ST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 25Page - Microchip Technology MCP2035-I/ST Datasheet HTML 26Page - Microchip Technology MCP2035-I/ST Datasheet HTML 27Page - Microchip Technology MCP2035-I/ST Datasheet HTML 28Page - Microchip Technology MCP2035-I/ST Datasheet HTML 29Page - Microchip Technology MCP2035-I/ST Datasheet HTML 30Page - Microchip Technology MCP2035-I/ST Datasheet HTML 31Page - Microchip Technology MCP2035-I/ST Datasheet HTML 32Page - Microchip Technology MCP2035-I/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 29
MCP2035
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
3.1
Supply Voltage (VDD, VSS)
The VDD pin is the power supply pin for the analog and
digital circuitry within the MCP2035. This pin requires
an appropriate bypass capacitor of 0.1 µF. The voltage
on this pin should be maintained in the 2.0V-3.6V range
for specified operation.
The VSS pin is the ground pin and the current return
path for both analog and digital circuitry of the
MCP2035. If an analog ground plane is available, it is
recommended that this device be tied to the analog
ground plane of the PCB.
3.2
Chip Select (CS)
The CS pin needs to stay high when the device is
receiving input signals. Leaving the CS pin low will
place the device in the SPI Programming mode.
The CS pin is an open collector output. This pin has an
internal pull-up resistor to ensure that no spurious SPI
communication occurs between power-up and pin
configuration of the MCU.
3.3
SPI Clock Input (SCLK/ALERT)
This pin becomes the SPI clock input (SCLK) when CS
is low, and becomes the ALERT output when CS is
high.
The ALERT pin is an open collector output. This pin has
an internal pull-up resistor to ensure that no spurious
SPI communication occurs between power-up and pin
configuration of the MCU.
3.4
Received Signal Strength
Indicator (RSSI)
This pin becomes the Received Signal Strength Indicator
(RSSI) output current sink when the RSSI output option
is selected.
TABLE 3-1:
PIN FUNCTION TABLES
MCP2035
TSSOP
Symbol
I/O/P
Function
1VSS
P
Ground Pin
2CS
I
Chip Select Digital Input Pin
3
SCLK/ALERT
I/O
Clock input for the modified 3-wire SPI interface.
ALERT output: This pin goes low if there is a parity error in the
Configuration register or the 32 ms Alarm Timer is timed out.
4
RSSI
O
Received Signal Strength Indicator (RSSI) current output
5
NC
N/A
No Connect
6
LFDATA/CCLK/SDIO
I/O
Demodulated data output
Carrier clock output
Serial input or output data for the modified 3-wire SPI interface
7VDD
P
Positive Supply Voltage Pin
8VDD
P
Positive Supply Voltage Pin
9
NC
N/A
No Connect (Note 1)
10
NC
N/A
No Connect (Note 1)
11
LCX
I
Input pin for external LC antenna
12
NC
N/A
No Connect
13
LCCOM
I
Common reference input for the external LC antenna
14
VSS
P
Ground Pin
Type Identification: I = Input; O = Output; P = Power
Note 1:
This pin is bonded out to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com