Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035-I/ST Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 45Page - Microchip Technology MCP2035-I/ST Datasheet HTML 46Page - Microchip Technology MCP2035-I/ST Datasheet HTML 47Page - Microchip Technology MCP2035-I/ST Datasheet HTML 48Page - Microchip Technology MCP2035-I/ST Datasheet HTML 49Page - Microchip Technology MCP2035-I/ST Datasheet HTML 50Page - Microchip Technology MCP2035-I/ST Datasheet HTML 51Page - Microchip Technology MCP2035-I/ST Datasheet HTML 52Page - Microchip Technology MCP2035-I/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 49
MCP2035
5.30.3.1
STATUS Register
The status register indicates the operation condition of
the MCP2035 device after various SPI commands and
Power-on Reset. See Table 5-7 for more details.
TABLE 5-6:
CONFIGURATION REGISTERS SUMMARY
Register Name
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Register 0
OEH
OEL
ALRTIND
1
(Note 1)
1
(Note 1)
LCXEN
R0PAR
Configuration Register 1
DATOUT
Input Channel (LCX) Tuning Capacitor
R1PAR
Configuration Register 2
RSSIFET
CLKDIV
Write to all 0’s (Note 1)
R2PAR
Configuration Register 3
Unimplemented
Write to all 0’s (Note 1)
R3PAR
Configuration Register 4
Input Channel (LCX) Sensitivity Control
Write to all 0’s (Note 1)
R4PAR
Configuration Register 5
0
(Note 1)
AGCSIG
MODMIN MODMIN
Write to all 0’s (Note 1)
R5PAR
Column Parity Bit
Register 6
Column Parity Bits
R6PAR
STATUS Register 7
Active Channel Indicators
AGCACT
Wake-up Channel Indicators
ALARM
PEI
Note 1:
The values in the colored area are strongly recommended for the best result.
2:
The user must compute the odd row parity bit (bit 0 of each row) and odd column parity bits in the Column
Parity Bit Register 6, and program them the same as other configuration registers.
3:
STATUS Register is read only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com