Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035-I/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 5Page - Microchip Technology MCP2035-I/ST Datasheet HTML 6Page - Microchip Technology MCP2035-I/ST Datasheet HTML 7Page - Microchip Technology MCP2035-I/ST Datasheet HTML 8Page - Microchip Technology MCP2035-I/ST Datasheet HTML 9Page - Microchip Technology MCP2035-I/ST Datasheet HTML 10Page - Microchip Technology MCP2035-I/ST Datasheet HTML 11Page - Microchip Technology MCP2035-I/ST Datasheet HTML 12Page - Microchip Technology MCP2035-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 9
MCP2035
SPI TIMING
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated),
Supply Voltage: 2.0V
VDD 3.6V, Operating temperature: -40°C  TA  +85°C,
LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency: 125 kHz, LCCOM connected to VSS
Parameters
Sym
Min
Typ(1)
Max
Units
Conditions
SCLK Frequency
FSCLK
——
3
MHz
CS fall to first SCLK edge
setup time
TCSSC
100
—
—
ns
SDI setup time
TSU
30
—
—
ns
SDI hold time
THD
50
—
—
ns
SCLK high time
THI
150
—
—
ns
SCLK low time
TLO
150
—
—
ns
SDO setup time
TDO
——
150
ns
SCLK last edge to CS rise
setup time
TSCCS
100
—
—
ns
CS high time
TCSH
500
—
—
ns
CS rise to SCLK edge setup time
TCS1
50
—
—
ns
SCLK edge to CS fall setup time
TCS0
50
—
—
ns
SCLK edge when CS is high
Rise time of SPI data
(SPI Read command)
TRSPI
—10
—
ns
VDD 3.0V; time is measured
from 10% to 90% of amplitude
Fall time of SPI data
(SPI Read command)
TFSPI
—10
—
ns
VDD 3.0V; time is measured
from 90% to 10% of amplitude
Note 1:
Data in “Typ.” column is at 3.0V, +25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
TEMPERATURE CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 2.0V to 3.6V, VSS = GND.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 14L-TSSOP
JA
—100
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com