Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035-I/ST Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 47Page - Microchip Technology MCP2035-I/ST Datasheet HTML 48Page - Microchip Technology MCP2035-I/ST Datasheet HTML 49Page - Microchip Technology MCP2035-I/ST Datasheet HTML 50Page - Microchip Technology MCP2035-I/ST Datasheet HTML 51Page - Microchip Technology MCP2035-I/ST Datasheet HTML 52Page - Microchip Technology MCP2035-I/ST Datasheet HTML 53Page - Microchip Technology MCP2035-I/ST Datasheet HTML 54Page - Microchip Technology MCP2035-I/ST Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 51
MCP2035
REGISTER 5-2:
CONFIGURATION REGISTER 1 (ADDRESS: 0001)
R/W-0
DATOUT1
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DATOUT0
LCXTUN5
LCXTUN4
LCXTUN3
LCXTUN2
LCXTUN1
LCXTUN0
R1PAR
bit7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8-7
DATOUT<1:0>:
LFDATA Output type bit
00
= Demodulated output
01
= Carrier clock output
10
= RSSI output
11
= RSSI output
bit 6-1
LCXTUN<5:0>:
LCX Tuning Capacitance bit
000000
= +0 pF (Default)
•
•
111111
= +63 pF
bit 0
R1PAR
: Register 1 Parity Bit – set or cleared (1 or 0) so the 9-bit register contains odd parity – an odd
number of set bits. An incorrect parity bit may draw unnecessary extra current.
REGISTER 5-3:
CONFIGURATION REGISTER 2 (ADDRESS: 0010)
R/W-0
RSSIFET
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CLKDIV
0
0
0
0
0
0R2PAR
bit7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
RSSIFET
: Pull-down MOSFET on LFDATA pad bit (controllable by user in the RSSI mode only)
1
= Pull-down RSSI MOSFET on
0
= Pull-down RSSI MOSFET off
bit 7
CLKDIV:
Carrier Clock Divide-by bit
1
= Carrier clock/4
0
= Carrier clock/1
bit 6-1
Recommended to all 0’s. (Note 1)
bit 0
R2PAR
: Register 2 Parity bit – set or cleared (1 or 0) so the 9-bit register contains odd parity – an odd
number of set bits. An incorrect parity bit may draw unnecessary extra current.
Note
1:
These bits are associated to the internally grounded LCY tuning capacitors, and have no effect in the MCP2035.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com