Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035-I/ST Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 49Page - Microchip Technology MCP2035-I/ST Datasheet HTML 50Page - Microchip Technology MCP2035-I/ST Datasheet HTML 51Page - Microchip Technology MCP2035-I/ST Datasheet HTML 52Page - Microchip Technology MCP2035-I/ST Datasheet HTML 53Page - Microchip Technology MCP2035-I/ST Datasheet HTML 54Page - Microchip Technology MCP2035-I/ST Datasheet HTML 55Page - Microchip Technology MCP2035-I/ST Datasheet HTML 56Page - Microchip Technology MCP2035-I/ST Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 53
MCP2035
REGISTER 5-5:
CONFIGURATION REGISTER 4 (ADDRESS: 0100)
R/W-0
LCXSEN3
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LCXSEN2
LCXSEN1
LCXSEN0
0
0
0
0R4PAR
bit7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8-5
LCXSEN<3:0>
: Typical Input Channel (LCX) Sensitivity Reduction bit. (Note 1)
0000
= -0 dB (Default)
0001
= -2 dB
0010
= -4 dB
0011
= -6 dB
0100
= -8 dB
0101
= -10 dB
0110
= -12 dB
0111
= -14 dB
1000
= -16 dB
1001
= -18 dB
1010
= -20 dB
1011
= -22 dB
1100
= -24 dB
1101
= -26 dB
1110
= -28 dB
1111
= -30 dB
bit 4-1
Recommended to all 0’s. (Note 2)
bit 0
R4PAR
: Register 4 Parity bit – set or cleared (1 or 0) so the 9-bit register contains odd parity – an odd
number of set bits. An incorrect parity bit may draw unnecessary extra current.
Note 1:
Assured monotonic increment (or decrement) by design.
2:
These bits are associated to the internally grounded LCY sensitivity control, and have no effect in the
MCP2035.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com