Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035-I/ST Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 52Page - Microchip Technology MCP2035-I/ST Datasheet HTML 53Page - Microchip Technology MCP2035-I/ST Datasheet HTML 54Page - Microchip Technology MCP2035-I/ST Datasheet HTML 55Page - Microchip Technology MCP2035-I/ST Datasheet HTML 56Page - Microchip Technology MCP2035-I/ST Datasheet HTML 57Page - Microchip Technology MCP2035-I/ST Datasheet HTML 58Page - Microchip Technology MCP2035-I/ST Datasheet HTML 59Page - Microchip Technology MCP2035-I/ST Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
MCP2035
DS22304A-page 56
 2012 Microchip Technology Inc.
REGISTER 5-8:
STATUS REGISTER 7 (ADDRESS: 0111)
R-0
CHZACT
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CHYACT
CHXACT
AGCACT
WAKEZ
WAKEY
WAKEX
ALARM
PEI
bit7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
CHZACT:
This bit has no meaning in the MCP2035. Therefore, ignore this bit. This bit can be cleared
via Soft Reset.
bit 7
CHYACT:
This bit has no meaning in the MCP2035. Therefore, ignore this bit. This bit can be cleared
via Soft Reset
bit 6
CHXACT
: Input Channel (LCX) Active bit (cleared via Soft Reset). (Note 1)
1
= Input Channel (LCX) is passing data after TAGC
0
= Input Channel (LCX) is not passing data after TAGC
bit 5
AGCACT
: AGC Active Status bit (real time, cleared via Soft Reset)
1
= AGC is active (Input signal is strong). AGC is active when input signal level is approximately
>20 mVPP range.
0
= AGC is inactive (Input signal is weak)
bit 4-3
This bit has no meaning, and can be cleared via Soft Reset.
bit 2
WAKEX
: Wake-up Channel X Indicator Status bit (cleared via Soft Reset)
1
= Input Channel (LCX) caused a device wake-up (passed
64 clock counter)
0
= Input Channel (LCX) did not cause a device wake-up
bit 1
ALARM
: Indicates whether an Alarm Timer time-out has occurred (cleared via read “STATUS Register
command”)
1
= The Alarm Timer time-out has occurred. It may cause the ALERT output to go low depending on
the state of bit 4 of the Configuration register 0
0
= The Alarm Timer is not timed out
bit 0
PEI
: Parity Error Indicator bit – indicates whether a Configuration register parity error has occurred
(real time)
1
= A parity error has occurred and caused the ALERT output to go low
0
= A parity error has not occurred
Note 1:
Bit is high whenever channel is passing data. Bit is low in Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com