Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104AP Datasheet(PDF) 3 Page - Texas Instruments

Part # MPC104AP
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AP Datasheet(HTML) 3 Page - Texas Instruments

  MPC104AP Datasheet HTML 1Page - Texas Instruments MPC104AP Datasheet HTML 2Page - Texas Instruments MPC104AP Datasheet HTML 3Page - Texas Instruments MPC104AP Datasheet HTML 4Page - Texas Instruments MPC104AP Datasheet HTML 5Page - Texas Instruments MPC104AP Datasheet HTML 6Page - Texas Instruments MPC104AP Datasheet HTML 7Page - Texas Instruments MPC104AP Datasheet HTML 8Page - Texas Instruments MPC104AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
MPC104
3
SPECIFICATIONS– AC CHARACTERISTICS
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
MPC104AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LARGE SIGNAL BANDWIDTH (–3dB)
VOUT = 5.0Vp-p, COUT = 1pF
55
MHz
VOUT = 2.8Vp-p, COUT = 1pF
101
MHz
VOUT = 1.4Vp-p, COUT = 1pF
210
MHz
SMALL SIGNAL BANDWIDTH
VOUT = 0.2Vp-p, COUT = 1pF
590
MHz
GROUP DELAY TIME
550
ps
DIFFERENTIAL GAIN
f = 4.43MHz, VIN = 0.3Vp-p
VDC = 0 to 0.7V
0.03
%
DIFFERENTIAL PHASE
f = 4.43MHz, VIN = 0.3Vp-p
VDC = 0 to 0.7V
0.01
Degrees
GAIN FLATNESS PEAKING
VOUT = 0.2Vp-p, DC to 30MHz
0.05
dB
VOUT = 0.2Vp-p, DC to 100MHz
0.07
dB
HARMONIC DISTORTION
f = 30MHz, VOUT = 1.4Vp-p
Second Harmonic
–63
dBc
Third Harmonic
–65
dBc
CROSSTALK
VIN = 1.4Vp-p
MPC104AP Channel-to-Channel
f = 5MHz,
–90
dB
f = 30MHz,
–77
dB
Off Isolation
f = 5MHz,
–93
dB
f = 30MHz,
–81
dB
MPC104AU Channel-to-Channel
f = 5MHz,
–95
dB
f = 30MHz,
–79
dB
Off Isolation
f = 5MHz,
–93
dB
f = 30MHz
–86
dB
RISE/FALL TIME
VOUT = 1.4Vp-p, Step 10% to 90%
COUT = 1pF, ROUT = 22Ω
2.3
ns
SLEW RATE
VOUT = 1.4Vp-p
COUT = 1pF
500
V/
µs
COUT = 22pF
360
V/
µs
COUT = 47pF
260
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com