Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104AP Datasheet(PDF) 5 Page - Texas Instruments

Part # MPC104AP
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AP Datasheet(HTML) 5 Page - Texas Instruments

  MPC104AP Datasheet HTML 1Page - Texas Instruments MPC104AP Datasheet HTML 2Page - Texas Instruments MPC104AP Datasheet HTML 3Page - Texas Instruments MPC104AP Datasheet HTML 4Page - Texas Instruments MPC104AP Datasheet HTML 5Page - Texas Instruments MPC104AP Datasheet HTML 6Page - Texas Instruments MPC104AP Datasheet HTML 7Page - Texas Instruments MPC104AP Datasheet HTML 8Page - Texas Instruments MPC104AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
®
MPC104
5
TYPICAL PERFORMANCE CURVES
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
–40
–20
0
20
60
80
100
Temperature (°C)
18
16
14
12
10
8
6
4
2
0
INPUT OFFSET VOLTAGE vs TEMPERATURE
40
–40
–20
0
20
60
80
100
Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
40
7
6
5
4
3
2
1
0
10k
100k
1M
10M
100M
1G
Frequency (Hz)
100
1.0M
100k
10k
1k
INPUT IMPEDANCE vs FREQUENCY
10k
100k
1M
10M
100M
1G
Frequency (Hz)
90
80
70
60
50
40
30
20
10
100
OUTPUT IMPEDANCE vs FREQUENCY
–40
–20
0
20
60
80
100
Temperature (°C)
0
9
8
7
6
5
4
3
2
1
TOTAL POSITIVE QUIESCENT CURRENT
vs TEMPERATURE
40
One Channel Selected
–40
–20
0
20
60
80
100
Temperature (°C)
0
140
120
100
80
60
40
20
TOTAL POSITIVE QUIESCENT CURRENT
vs TEMPERATURE
40
No Channel Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com