Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104AP Datasheet(PDF) 10 Page - Texas Instruments

Part # MPC104AP
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AP Datasheet(HTML) 10 Page - Texas Instruments

Back Button MPC104AP Datasheet HTML 6Page - Texas Instruments MPC104AP Datasheet HTML 7Page - Texas Instruments MPC104AP Datasheet HTML 8Page - Texas Instruments MPC104AP Datasheet HTML 9Page - Texas Instruments MPC104AP Datasheet HTML 10Page - Texas Instruments MPC104AP Datasheet HTML 11Page - Texas Instruments MPC104AP Datasheet HTML 12Page - Texas Instruments MPC104AP Datasheet HTML 13Page - Texas Instruments MPC104AP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
®
MPC104
10
quired to avoid synchronization by large negative output
glitches in subsequent equipment.
The SEL-to-channel-ON time is typically 25ns and always
shorter than the typical SEL-to-channel-OFF time of 250ns.
In the worst case, an ON/OFF margin of 150ns ensures safe
switching even for timing spreads in the digital control
latches. The short interchannel switching time of 300ns
allows channel change during the vertical blanking time,
even in high-resolution graphic or broadcast systems. As
shown in the typical performance curves, the signal enve-
lope during transition from one channel to another rises and
falls symmetrically and shows less overshooting and DC
settling effects.
Power consumption is a serious problem when designing
large crosspoint fields with high component density. Most of
the buffer amplifiers are in the off-state. One important
design goal was to attain low off-state quiescent current
when no channel is selected. The low supply current of
±120µA when no channel is selected and ±4.6mA when one
channel is selected, as well as the reduced
±5V supply
voltage, conserves power, simplifies the power supply de-
sign, and results in cooler, more reliable operation.
CIRCUIT LAYOUT
The high-frequency performance of the MPC104 can be
greatly affected by the physical layout of the circuit. The
following tips are offered as suggestions, not as absolutes.
Oscillations, ringing, poor bandwidth and settling, higher
crosstalk, and peaking are all typical problems which plague
high-speed components when they are used incorrectly.
• Bypass power supplies very close to the device pins. Use
tantalum chip capacitors (approximately 2.2
µF), a parallel
470pF ceramic chip capacitor may be added if desired.
Surface-mount types are recommended due to their low
lead inductance.
• PC board traces for signal and power lines should be wide
to reduce impedance or inductance.
• Make short and low inductance traces. The entire physical
circuit should be as small as possible.
• Use a low-impedance ground plane on the component side
to ensure that low-impedance ground is available through-
out the layout. Grounded traces between the input traces
are essential to achieve high interchannel crosstalk rejec-
tion.
• Do not extend the ground plane under high-impedance
nodes sensitive to stray capacitances, such as the buffer’s
input terminals.
• Sockets are not recommended, because they add signifi-
cant inductance and parasitic capacitance. If sockets must
be used, consider using zero-profile solderless sockets.
• Use low-inductance and surface-mounted components.
Circuits using all surface mount components with the
MPC104 will offer the best AC-performance.
• A resistor (100
Ω to 150Ω) in series with the input of the
buffers may help to reduce peaking. Place the resistor as
close as possible to the pin.
• Plug-in prototype boards and wire-wrap boards will not
function well. A clean layout using RF techniques is
essential—there are no shortcuts.
FIGURE 2. Simplified Circuit Diagram.
IN
2
+V
CC = +5V
V
OUT
(4)
DB2
(6)
–V
CC = –5V
(3)
(7)
(5)
SEL
2
DB1
(8)
(1)
(2)
IN
1
GND
SEL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com