Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104AP Datasheet(PDF) 11 Page - Texas Instruments

Part # MPC104AP
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button MPC104AP Datasheet HTML 7Page - Texas Instruments MPC104AP Datasheet HTML 8Page - Texas Instruments MPC104AP Datasheet HTML 9Page - Texas Instruments MPC104AP Datasheet HTML 10Page - Texas Instruments MPC104AP Datasheet HTML 11Page - Texas Instruments MPC104AP Datasheet HTML 12Page - Texas Instruments MPC104AP Datasheet HTML 13Page - Texas Instruments MPC104AP Datasheet HTML 14Page - Texas Instruments MPC104AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
®
MPC104
11
FIGURE 4. Off Isolation Test Circuit 2.
FIGURE 5. Interchannel Crosstalk.
FIGURE 6. Off Isolation.
FIGURE 3. Crosstalk Test Circuit 1.
CHANNEL
SEL
1
SEL
2
IN
1
IN
2
R
IN1
R
IN2
DB1
1
0
GND
V
IN
200
Ω
100
Ω
DB2
0
1
V
IN
GND
100
Ω
200
Ω
SEL
1
0
SEL
2
0
DB1
50
Ω
50
Ω
DB2
MPC104
SEL
1
SEL
2
R
IN1
IN
1
R
IN2
IN
2
V
OUT
50
Ω
50
Ω
V
IN1
DB1
50
Ω
50
Ω
DB2
MPC104
100
Ω
IN
1
100
Ω
IN
2
SEL
1
SEL
2
Frequency (Hz)
10M
100M
1G
1M
400k
–20
–40
–60
–80
–100
–120
–140
MPC104AP
MPC104AU
Frequency (Hz)
10M
100M
1G
1M
400k
–20
–40
–60
–80
–100
–120
–140
MPC104AP
MPC104AU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com