Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104AP Datasheet(PDF) 13 Page - Texas Instruments

Part # MPC104AP
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AP Datasheet(HTML) 13 Page - Texas Instruments

Back Button MPC104AP Datasheet HTML 8Page - Texas Instruments MPC104AP Datasheet HTML 9Page - Texas Instruments MPC104AP Datasheet HTML 10Page - Texas Instruments MPC104AP Datasheet HTML 11Page - Texas Instruments MPC104AP Datasheet HTML 12Page - Texas Instruments MPC104AP Datasheet HTML 13Page - Texas Instruments MPC104AP Datasheet HTML 14Page - Texas Instruments MPC104AP Datasheet HTML 15Page - Texas Instruments MPC104AP Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
®
MPC104
13
FIGURE 12. Single Supply Operation.
NOTE: (1) +V
S should be within +5V to +10V.
In
1
In
2
2.2µF
100
Ω
1
4
3
CH1
Out
MPC104
+V
S
+V
S
CH2
+V
S
2
+V
S
2
5
7
SEL
2
SEL
1
R
OUT
R
T
6
8
+
+V
S
(1)
100
Ω
C
1
C
2
C
3
FIGURE 11. High-Speed Data Acquisition System.
In
1
In
2
50
Ω
50
Ω
100
Ω
100
Ω
1
4
85
CH1
CH2
SEL
1
SEL
2
+
2.2µF
2.2µF
+
+5V
–5V
MPC104
OPA642
6
100
Ω
3
2
402
Ω
499
Ω
8
–5V
+5V
2.2µF
2.2µF
10nF
10nF
7
5
4
++
12-Bit
10MHz
A/D Converter
ADS804
37
402
Ω
R
S
Gain = 2V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com