Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104AP Datasheet(PDF) 14 Page - Texas Instruments

Part # MPC104AP
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AP Datasheet(HTML) 14 Page - Texas Instruments

Back Button MPC104AP Datasheet HTML 8Page - Texas Instruments MPC104AP Datasheet HTML 9Page - Texas Instruments MPC104AP Datasheet HTML 10Page - Texas Instruments MPC104AP Datasheet HTML 11Page - Texas Instruments MPC104AP Datasheet HTML 12Page - Texas Instruments MPC104AP Datasheet HTML 13Page - Texas Instruments MPC104AP Datasheet HTML 14Page - Texas Instruments MPC104AP Datasheet HTML 15Page - Texas Instruments MPC104AP Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
®
MPC104
14
FIGURE 13. Input Multiplexer for a CRT Output Stage.
In
1
In
2
75
Ω
75
Ω
100
Ω
100
Ω
1
4
CH1
CH2
SEL
1
SEL
2
+
2.2µF
2.2µF
+
+5V
–5V
MPC104
6
150
Ω
1k
Ω
10nF
10
Ω
220
Ω
NOTE: (1) Philips Semiconductors.
220
Ω
20pF
100pF
7
10
2
15
B
E
B
E
to
CRT
11
C14
OPA2662
CR3425
(1)
+
+
2.2µF
2.2µF
+5V –5V
16
1
8
9
150
Ω
+80V, 60mA
Contrast
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com