Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 17Page - Microchip Technology EMC1428 Datasheet HTML 18Page - Microchip Technology EMC1428 Datasheet HTML 19Page - Microchip Technology EMC1428 Datasheet HTML 20Page - Microchip Technology EMC1428 Datasheet HTML 21Page - Microchip Technology EMC1428 Datasheet HTML 22Page - Microchip Technology EMC1428 Datasheet HTML 23Page - Microchip Technology EMC1428 Datasheet HTML 24Page - Microchip Technology EMC1428 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
 2014 Microchip Technology Inc.
DS20005275A-page 21
4.5.5
Conversion Rates
The EMC1428 may be configured for different conversion rates based on the system requirements.
The conversion rate is configured as described in Section 5.5. The default conversion rate is 4
conversions per second. Other available conversion rates are shown in Table 5.7.
4.5.6
Dynamic Averaging
Dynamic averaging causes the EMC1428 to measure the external diode channels for an extended time
based on the selected conversion rate. This functionality can be disabled for increased power savings
at the lower conversion rates (see Section 5.5). When dynamic averaging is enabled, the device will
automatically adjust the sampling and measurement time for the external diode channels. This allows
the device to average 2x or 4x longer than the normal 11 bit operation (nominally 21ms per channel)
while still maintaining the selected conversion rate. The benefits of dynamic averaging are improved
noise rejection due to the longer integration time as well as less random variation of the temperature
measurement.
When enabled, the dynamic averaging will affect the average supply current based on the chosen
conversion rate as shown in Table 4.2 for EMC1428.
4.6
Diode Connections
The diode connection for the External Diode 1 channel is determined based on the selected device.
For the EMC1428, this channel can support a diode-connected transistor (such as a 2N3904) or a
substrate transistor (such as those found in an CPU or GPU) as shown in Figure 4.4. Anti-parallel
diodes are not supported on the External Diode 1 channel.
Table 4.2 Supply Current vs. Conversion Rate for EMC1428
CONVERSION RATE
AVERAGE SUPPLY CURRENT
AVERAGING FACTOR (BASED ON
11-BIT OPERATION)
DYNAMIC
AVERAGING
ENABLED
(DEFAULT)
DYNAMIC
AVERAGING
DISABLED
DYNAMIC
AVERAGING
ENABLED
(DEFAULT)
DYNAMIC
AVERAGING
DISABLED
1 / sec
715uA
450uA
4x
1x
2 / sec
750uA
550uA
2x
1x
4 / sec (default)
900uA
815uA
1x
1x
Continuous (see Table 5.8)
950uA
950uA
0.5x
0.5x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com