Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 19 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 19 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 15Page - Microchip Technology EMC1428 Datasheet HTML 16Page - Microchip Technology EMC1428 Datasheet HTML 17Page - Microchip Technology EMC1428 Datasheet HTML 18Page - Microchip Technology EMC1428 Datasheet HTML 19Page - Microchip Technology EMC1428 Datasheet HTML 20Page - Microchip Technology EMC1428 Datasheet HTML 21Page - Microchip Technology EMC1428 Datasheet HTML 22Page - Microchip Technology EMC1428 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
 2014 Microchip Technology Inc.
DS20005275A-page 19
4.4
Consecutive Alerts
The EMC1428 contains multiple consecutive alert counters. One set of counters applies to the ALERT
pin and the second set of counters applies to the SYS_SHDN pin. Each temperature measurement
channel has a separate consecutive alert counter for each of the interrupt conditions (High, Low, Diode
fault). All counters are user programmable and determine the number of consecutive measurements
that a temperature channel(s) must be out-of-limit or reporting a diode fault before the corresponding
status bit is set or pin is asserted.
See Section 5.14 for more details on the consecutive alert function.
4.5
Temperature Monitoring
The EMC1428 can monitor the temperature of up to seven (7) externally connected diodes as well as
the internal or ambient temperature. Each channel is configured with the following features enabled or
disabled based on user settings and system requirements.
APPLICATION NOTE: When measuring a 45nm CPU diode, the reported temperature has an error of approximately
+1.5C at 100°C. This error is related to non-perfect ideality in the CPU diode.
81
412.0
113
3740.0
82
453.0
114
4120.0
83
487.0
115
4530.0
84
523.0
116
4990.0
85
562.0
117
5490.0
86
604.0
118
6040.0
87
649.0
119
6810.0
88
698.0
120
7870.0
89
750.0
121
9090.0
90
787.0
122
10700.0
91
845.0
123
12700.0
92
909.0
124
15800.0
93
953.0
125
20500.0
94
1020.0
126
29400.0
95
1100.0
127
49900.0
96
1150.0
65
Open
Table 4.1 VTRIP Resistor Settings (continued)
TEMP (°C)
RSET
()
TEMP (°C)
RSET
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com