Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 35Page - Microchip Technology EMC1428 Datasheet HTML 36Page - Microchip Technology EMC1428 Datasheet HTML 37Page - Microchip Technology EMC1428 Datasheet HTML 38Page - Microchip Technology EMC1428 Datasheet HTML 39Page - Microchip Technology EMC1428 Datasheet HTML 40Page - Microchip Technology EMC1428 Datasheet HTML 41Page - Microchip Technology EMC1428 Datasheet HTML 42Page - Microchip Technology EMC1428 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
 2014 Microchip Technology Inc.
DS20005275A-page 39
1. Internal Diode reads 71°C and both external diodes read 69°C. Consecutive alert counter for INT
is incremented to 1.
2. Both the Internal Diode and the External Diode 1 read 71°C and External Diode 2 reads 68°C.
Consecutive alert counter for INT is incremented to 2 and for EXT1 is set to 1.
3. The External Diode 1 reads 71°C and both the Internal Diode and External Diode 2 read 69°C.
Consecutive alert counter for INT and EXT2 are cleared and EXT1 is incremented to 2.
4. The Internal Diode reads 71°C and both external diodes read 71°C. Consecutive alert counter for
INT is set to 1, EXT2 is set to 1, and EXT1 is incremented to 3.
5. The Internal Diode reads 71°C and both the external diodes read 71°C. Consecutive alert counter
for INT is incremented to 2, EXT2 is set to 2, and EXT1 is incremented to 4. The HIGH status bit
are set for EXT1 and the ALERT pin is asserted. The EXT1 counter is reset to 0 and all other
counters hold the last value until the next temperature measurement.
Bit 7 - TIMEOUT - Determines whether the SMBus Timeout function is enabled.
‘0’ (default) - The SMBus Timeout feature is disabled. The SMCLK line can be held low indefinitely
without the device resetting its SMBus protocol.
‘1’ - The SMBus Timeout feature is enabled. If the SMCLK line is held low for more than 30ms,
then the device will reset the SMBus protocol.
Bits 6-4 CTHRM[2:0] - Determines the number of consecutive measurements that must exceed the
corresponding THERM Limit and Hardware Thermal Shutdown Limit before the SYS_SHDN pin is
asserted. All temperature channels use this value to set the respective counters. The consecutive
THERM counter is incremented whenever any of the measurements exceed the corresponding
THERM Limit or if the External Diode 1 measurement meets or exceeds the Hardware Thermal
Shutdown Limit.
If the temperature drops below the THERM limit or Hardware Thermal Shutdown Limit, then the
counter is reset. If the programmed number of consecutive measurements exceed the THERM Limit
or Hardware Thermal Shutdown Limit, and the appropriate channel is linked to the SYS_SHDN pin,
then the SYS_SHDN pin will be asserted low.
Once the SYS_SHDN pin is asserted, the consecutive THERM counter will not reset until the
corresponding temperature drops below the appropriate limit minus the corresponding hysteresis.
The bits are decoded as shown in Table 5.18. The default setting is 4 consecutive out of limit
conversions.
Bits 3-1 - CALRT[2:0] - Determine the number of consecutive measurements that must have an out of
limit condition or diode fault before the STATUS bits is asserted. All temperature channels use this
value to set the respective counters. The bits are decoded as shown in Table 5.18. The default setting
is 1 consecutive out of limit conversion.
APPLICATION NOTE: If one of the fault queues is not cleared and the CALRT[2:0] (or CTHRM[2:0]) bits are
updated, the update won’t take affect until fault queue is cleared. All the fault queues are
independent so those that are empty will be updated immediately.
Table 5.18 Consecutive Alert Settings
21
0
NUMBER OF CONSECUTIVE OUT OF LIMIT
MEASUREMENTS
0
0
0
1 (default for CALRT[2:0])
00
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com