Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 41 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 41 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 37Page - Microchip Technology EMC1428 Datasheet HTML 38Page - Microchip Technology EMC1428 Datasheet HTML 39Page - Microchip Technology EMC1428 Datasheet HTML 40Page - Microchip Technology EMC1428 Datasheet HTML 41Page - Microchip Technology EMC1428 Datasheet HTML 42Page - Microchip Technology EMC1428 Datasheet HTML 43Page - Microchip Technology EMC1428 Datasheet HTML 44Page - Microchip Technology EMC1428 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
 2014 Microchip Technology Inc.
DS20005275A-page 41
5.16
Hottest Temperature Registers
The Hottest Temperature Registers store the measured hottest temperature of all the selected external
diode channels (see Section 5.22). If no External diodes are selected then the High Byte Register will
read 80h. The data format is the same as the temperature channels.
5.17
Hottest Temperature Status Register
The Hottest Temperature Status Register flags which external diode temperature is hottest. If multiple
temperature channels measure the same temperature and are equal to the hottest temperature, then
hottest status will be based on the measurement order.
Bit 7 - EXT7 - The External Diode 7 channel is the hottest.
Bit 6 - EXT6 - The External Diode 6 channel is the hottest.
Bit 4 - EXT5 - The External Diode 5 channel is the hottest.
011
< 0.29
100
< 0.48
101
< 0.9
110
< 2.33
1
1
1
Disabled
Table 5.21 Hottest Temperature Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
32h
R
Hottest
Temperature
High Byte
Sign
64
32
16
8
4
2
1
80h
33h
R
Hottest
Temperature
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 5.22 Hottest Temperature Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
34h
R
Hottest
Temperature
Status
EXT7
EXT6
EXT5
EXT4
EXT3
EXT2
EXT1
INT
00h
Table 5.20 Beta Compensation Look Up Table (continued)
BETAX[2:0]
MINIMUM BETA
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com