Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 4Page - Microchip Technology EMC1428 Datasheet HTML 5Page - Microchip Technology EMC1428 Datasheet HTML 6Page - Microchip Technology EMC1428 Datasheet HTML 7Page - Microchip Technology EMC1428 Datasheet HTML 8Page - Microchip Technology EMC1428 Datasheet HTML 9Page - Microchip Technology EMC1428 Datasheet HTML 10Page - Microchip Technology EMC1428 Datasheet HTML 11Page - Microchip Technology EMC1428 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 8
 2014 Microchip Technology Inc.
The pin types are described below. All pins labelled (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the voltage difference between VDD and
the pull-up voltage must never exceed 3.6V.
6
SYS_SHDN
Active low System Shutdown output
signal - requires pull-up resistor
EMC1428-7 - The pull-up resistor is
used to determine SMBus address
OD (5V)
7
ALERT
Active low interrupt - requires pull-up
resistor
OD (5V)
8
GND
Ground Connection
Power
9
DN4 / DP5
External diode 4 negative (cathode)
connection and External Diode 5
positive (anode) connection
AIO
10
DP4 / DN5
External Diode 4 positive (anode)
connection and External Diode 5
negative (cathode) connection
AIO
11
SMDATA
SMBus Data input/output - requires
pull-up resistor
DIOD (5V)
12
SMCLK
SMBus Clock input - requires pull-up
resistor
DI (5V)
13
N/C
Not used - connect to Ground - see
EMC1428 Anomaly Sheet
n/a
14
DN6 / DP7
External diode 6 negative (cathode)
connection and External Diode 7
positive (anode) connection
AIO
15
DP6 / DN7
External Diode 6 positive (anode)
connection and External Diode 7
negative (cathode) connection
AIO
16
VDD
Power supply
Power
Table 1.2 Pin Type
PIN TYPE
FUNCTION
Power
Used to supply either VDD or GND to the device
DI
5V tolerant digital input
OD
5V tolerant Open drain digital output. Requires a pull-up resistor
DIOD
5V tolerant bi-directional digital input / open-drain output. Requires a pull-up
resistor.
AIO
Analog input / output used for external diodes or analog inputs
Table 1.1 EMC1428 Pin Description (continued)
PIN NUMBER
NAME
FUNCTION
TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com