Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1428 Datasheet HTML 1Page - Microchip Technology EMC1428 Datasheet HTML 2Page - Microchip Technology EMC1428 Datasheet HTML 3Page - Microchip Technology EMC1428 Datasheet HTML 4Page - Microchip Technology EMC1428 Datasheet HTML 5Page - Microchip Technology EMC1428 Datasheet HTML 6Page - Microchip Technology EMC1428 Datasheet HTML 7Page - Microchip Technology EMC1428 Datasheet HTML 8Page - Microchip Technology EMC1428 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
 2014 Microchip Technology Inc.
DS20005275A-page 1
Data Sheet
PRODUCT FEATURES
EMC1428
1°C Multiple Temperature Sensor with HW
Thermal Shutdown & Hottest of Thermal Zones
General Description
The EMC1428 is a high accuracy, low cost, System
Management Bus (SMBus) temperature sensor.
Advanced features such as Resistance Error Correction
(REC), Beta Compensation (to CPU diodes requiring the
BJT or transistor model) and automatic diode type
detection combine to provide a robust solution for
complex environmental monitoring applications.
Additionally, the EMC1428 provides a hardware
programmable system shutdown feature that is
programmed at part power-up via a single TRIP_SET
voltage channel that cannot be masked or corrupted
through the SMBus.
The EMC1428 provides ±1° accuracy for external diode
temperatures and ±2°C accuracy for the internal diode
temperature. The device monitors up to eight
temperature channels (up to seven external and one
internal).
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded Applications
Features
Hardware Thermal Shutdown
—
triggers dedicated SYS_SHDN pin
—
hardware configured range 65°C to 127°C in 1°C steps
—
cannot be disabled or modified by software
Supports diodes requiring the BJT or transistor model
Resistance Error Correction (up to 100 Ohms)
Up to seven External Temperature Monitors
—
±1°C Accuracy (60°C < TDIODE < 100°C)
—
0.125°C Resolution
—
Supports up to 2.2nF filter capacitor
— Anti-parallel diodes for extra diode support and
compact design
Internal Temperature Monitor
—
±2°C accuracy
3.3V Supply Voltage
Available in a 16-pin 4mm x 4mm QFN RoHS
Compliant package
Programmable temperature limits for ALERT
Block Diagram


Similar Part No. - EMC1428

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC1428 MICROCHIP-EMC1428 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1428-1-AP SMSC-EMC1428-1-AP Datasheet
764Kb / 47P
1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC1428-6-AP SMSC-EMC1428-6-AP Datasheet
764Kb / 47P
1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
More results

Similar Description - EMC1428

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1422 SMSC-EMC1422 Datasheet
638Kb / 36P
1C Temperature Sensor with Hardware Thermal Shutdown
EMC1423 SMSC-EMC1423 Datasheet
766Kb / 45P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_08 Datasheet
632Kb / 38P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC1438 SMSC-EMC1438 Datasheet
866Kb / 48P
1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
EMC1423 SMSC-EMC1423_12 Datasheet
812Kb / 51P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_12 Datasheet
670Kb / 41P
1째C Temperature Sensor with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com