Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PGJ Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 18Page - Texas Instruments TNETE2004PGJ Datasheet HTML 19Page - Texas Instruments TNETE2004PGJ Datasheet HTML 20Page - Texas Instruments TNETE2004PGJ Datasheet HTML 21Page - Texas Instruments TNETE2004PGJ Datasheet HTML 22Page - Texas Instruments TNETE2004PGJ Datasheet HTML 23Page - Texas Instruments TNETE2004PGJ Datasheet HTML 24Page - Texas Instruments TNETE2004PGJ Datasheet HTML 25Page - Texas Instruments TNETE2004PGJ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETE2004 control register – QuadPHY_ctl at 0x11
Byte 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Byte 0
0
I
G
L
I
N
K
S
W
A
P
P
O
L
E
N
S
W
A
P
P
O
L
S
Q
E
E
N
M
T
E
S
T
L
I
N
K
J
A
B
RESERVED
N
O
L
I
N
K
P
R
E
S
E
R
V
E
D
I
N
T
E
N
T
I
N
T
Figure 12. TNETE2004 Control Register
Table 8. TNETE2004 Control Register Bit Functions
BIT
FUNCTION
DIRECTION†
DEFAULT
NO.
NAME
FUNCTION
DIRECTION†
DEFAULT
15
IGLINK
Ignore link. When IGLINK is 0, the 10BASE-T PHY expects to receive link pulses
and sets the LINK bit in the GEN_sts register to 0 if they are not present. When
IGLINK is set to 1, link pulses are ignored, and the LINK bit always is set to 1.
R/W
0
14
SWAPPOLEN
Swap polarity enable. When set, SWAPPOLEN enables the PHY to reverse the
polarity of received signals after reception of seven inverted link pulses.
R/W
1
13
SWAPPOL
Swap polarity. When set, SWAPPOL forces the PHY to reverse the polarity of
received signals. Writing to SWAPPOL has no effect when SWAPPOLEN is set to
1. However, when read, SWAPPOL always reflects the current polarity setting.
R/W
0
12
SQEEN
SQE enable. Writing a 1 to SQEEN causes the 10BASE-T PHY to perform the SQE
test function at the end of packet transmission.
R/W
Pin
11
MTEST
Manufacturing test. When MTEST is set to 1, the PHYs are placed in manufacturing
test mode. Manufacturing test mode is reserved for Texas Instruments
manufacturing test only. Operation of the device with this bit set is undefined.
MTEST is common to all PHYs.
R/W
0
10
LINKJAB
Link jabber indication for all PHYs. When LINKJAB is set to a 1, each PHY deasserts
the LINK pin when in JABBER mode. When set to 0, JABBER has no effect on link
status. Setting this bit has no effect on the value of the LINK bit in GEN_STS register.
R/W
1
9–4
RESERVED
Reserved. Read as 0
RO
0
3
NOLINKP
When NOLINKP is asserted and IGLINK is set to 1, the PHYs do not transmit link
pulses.
R/W
0
2
RESERVED
Reserved. Read as 0
RO
0
1
INTEN
Interrupt enable. Writing a 1 to INTEN allows the TNETE2004 to generate interrupts
on the MII when the MINT bit is set to 1. INTEN does not affect test interrupts. INTEN
is common to all PHYs; changing it on one PHY changes it on all PHYs.
R/W
0
0
TINT
Test interrupt. Writing a 1 to TINT causes the PHY to generate an interrupt on the
MII. Writing a 0 to TINT causes the PHY to stop generating an interrupt on the MII.
This test function is totally independent of INTEN and the MINT bit. TINT is used for
diagnostic test of the MII-interrupt function. TINT is common to all PHYs.
R/W
0
† RO = read only, R/W = read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com