Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PGJ Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 34Page - Texas Instruments TNETE2004PGJ Datasheet HTML 35Page - Texas Instruments TNETE2004PGJ Datasheet HTML 36Page - Texas Instruments TNETE2004PGJ Datasheet HTML 37Page - Texas Instruments TNETE2004PGJ Datasheet HTML 38Page - Texas Instruments TNETE2004PGJ Datasheet HTML 39Page - Texas Instruments TNETE2004PGJ Datasheet HTML 40Page - Texas Instruments TNETE2004PGJ Datasheet HTML 41Page - Texas Instruments TNETE2004PGJ Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 2.4 V and to a maximum low-logic level of 0.6 V. These levels
are compatible with TTL devices.
Output transition times are specified as follows: For a high-to-low transition on either an input or output signal, the
level at which the signal no longer is considered high is 2 V. The level at which the signal is considered low is 0.8 V.
For a low-to-high transition, the level at which the signal no longer is considered low is 0.8 V, and the level at which
the signal is considered high is 2 V, as shown in the following diagram.
The rise and fall times are not specified but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
2 V (high)
0.8 V (low)
test measurement
The test and load circuits shown in Figure 30 represent the programmable load of the tester-pin electronics used
to verify timing parameters of the TNETE2004 output signals.
(c) XMTP AND XMTN TEST LOAD (ac TESTING)
(b) IREF TEST CIRCUIT
(a) TTL OUTPUT TEST LOAD
180
Ω
IREF
CL
IOH
VLOAD
IOL
Test
Point
TTL
Output
Under
Test
Where:
IOH
= Refer to IOH in dc electrical characteristics.
IOL
= Refer to IOL in dc electrical characteristics.
VLOAD = 1.5 V, typical dc-level verification or
0.7 V, typical timing verification
CL
= 22 pF, typical load-circuit capacitance
50
Ω
50
Ω
Test
Point
Test
Point
XMTN
50
Ω
50
Ω
50
Ω
Test
Point
XMTN
XMTP
25
Ω
25
Ω
XMTP
50
Ω
X2
(d) XMTP AND XMTN TEST LOAD (dc TESTING)
X2–Fil–Mag 23Z128 1: 2
Figure 30. Test and Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com