Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PGJ Datasheet(PDF) 31 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 27Page - Texas Instruments TNETE2004PGJ Datasheet HTML 28Page - Texas Instruments TNETE2004PGJ Datasheet HTML 29Page - Texas Instruments TNETE2004PGJ Datasheet HTML 30Page - Texas Instruments TNETE2004PGJ Datasheet HTML 31Page - Texas Instruments TNETE2004PGJ Datasheet HTML 32Page - Texas Instruments TNETE2004PGJ Datasheet HTML 33Page - Texas Instruments TNETE2004PGJ Datasheet HTML 34Page - Texas Instruments TNETE2004PGJ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mode 4 receive-data timing
MIN
TYP
MAX
UNIT
tRDLAT
Receive-data latency
500
ns
tPD
Receive data
40
60
ns
tCRSHO
Time from receive idle to carrier sense off
200
ns
RCVP/
RCVN
RXCLK
(see Note A)
CRS
tRDLAT
tCRSHO
tPD
RXD
(see Note B)
NOTES: A. RXCLK is continuous.
B. During a collision, the data output on RXD is not valid received data (or looped-back transmit data) since the digital PLL is acquiring
lock to a different source of incoming data.
Figure 21. Mode 4 Receive Timing
transmit-data timings
To be transmitted, data must be valid and synchronized with the appropriate edge of TXCLK according to the
selected compatibility mode (see Table 2). Figure 22 through Figure 25 show timing for modes of operation. The
only differences in modes are the polarity changes in RXD (during CRS deasserted), TXEN, RXCLK, and CRS.
In half-duplex operation, transmit data is internally looped back to the receive data pins through the receiver
circuitry. The following timing table shows transmit data timing.
modes 1–4 transmit-data timing
MIN
TYP
MAX
UNIT
tENSU
Setup time, transmit enable
50
ns
tSUD
Transmit startup delay
150
ns
tCRSON
Time to CRS assertion
150
ns
tTDSU
Setup time, transmit data
25
ns
tTDHO
Hold time, transmit data
2.5
ns
tTDLAT
Transmit-data latency
100
ns
tTFIN
Time to transmit idle
400
ns
tLOOP
Loopback latency
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com