Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PGJ Datasheet(PDF) 43 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 39Page - Texas Instruments TNETE2004PGJ Datasheet HTML 40Page - Texas Instruments TNETE2004PGJ Datasheet HTML 41Page - Texas Instruments TNETE2004PGJ Datasheet HTML 42Page - Texas Instruments TNETE2004PGJ Datasheet HTML 43Page - Texas Instruments TNETE2004PGJ Datasheet HTML 44Page - Texas Instruments TNETE2004PGJ Datasheet HTML 45Page - Texas Instruments TNETE2004PGJ Datasheet HTML 46Page - Texas Instruments TNETE2004PGJ Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
TNETE2004
MDIO Managed QuadPHY
FOUR 10 BASE-T PHYSICAL LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PBE (S-PQFP-G120)
PLASTIC QUAD FLATPACK
4040127/B 08/96
0,16 NOM
60
31
0,73
1,03
0,25
0,25 MIN
Seating Plane
Gage Plane
0,45
61
90
0,30
91
120
SQ
SQ
31,45
27,80
28,20
30,95
23,20 TYP
3,60
3,20
4,10 MAX
130
0,10
0,80
M
0,20
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Thermally enhanced molded plastic package with a heat spreader (HSP)
D. Falls within JEDEC MS-022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com