Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PGJ Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 24Page - Texas Instruments TNETE2004PGJ Datasheet HTML 25Page - Texas Instruments TNETE2004PGJ Datasheet HTML 26Page - Texas Instruments TNETE2004PGJ Datasheet HTML 27Page - Texas Instruments TNETE2004PGJ Datasheet HTML 28Page - Texas Instruments TNETE2004PGJ Datasheet HTML 29Page - Texas Instruments TNETE2004PGJ Datasheet HTML 30Page - Texas Instruments TNETE2004PGJ Datasheet HTML 31Page - Texas Instruments TNETE2004PGJ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing characteristics
reset and power up
At initial power up, the TNETE2004 performs an internal reset. No external reset circuitry is required. However,
operation of the TNETE2004 is not specified for 50 ms after power up.
During operation, a full reset of the device can be performed by taking RESET low for a duration of not less than
50
ms. Operation of the device is not ensured for a duration of 5 ms after reset.
receive-data timing
The TNETE2004 buffers have received data in an elastic first-in, first-out (FIFO) buffer so that it can be
synchronous to the TNETE2004 10-MHz clock. At the start of packet reception on the RCVP/RCVN pair, no
more than five bits can be received and not be forwarded to RXD.
The selected compatibility mode (see Table 2) of the PHY affects on which clock edge (rising or falling) the
received data is valid. Figure 18 through Figure 21 show the receive timing for compatibility modes of operation,
and the respective receive-data timing tables show the setup and hold timings. The only differences between
modes are the polarity changes in RXCLK, CRS, and RXD during idle periods.
mode 1 receive-data timing
MIN
TYP
MAX
UNIT
tRDLAT
Receive-data latency
500
ns
tPD
Receive data
40
60
ns
tCRSHO
Time from receiver idle to carrier sense off
200
ns
RCVP/
RCVN
RXCLK
(see Note A)
CRS
tRDLAT
tCRSHO
tPD
RXD
(see Note B)
NOTES: A. RXCLK is continuous.
B. During a collision, the data output on RXD is not valid received data (or looped-back transmit data) since the digital PLL is acquiring
lock to a different source of incoming data.
Figure 18. Mode 1 Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com