Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PGJ Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 7Page - Texas Instruments TNETE2004PGJ Datasheet HTML 8Page - Texas Instruments TNETE2004PGJ Datasheet HTML 9Page - Texas Instruments TNETE2004PGJ Datasheet HTML 10Page - Texas Instruments TNETE2004PGJ Datasheet HTML 11Page - Texas Instruments TNETE2004PGJ Datasheet HTML 12Page - Texas Instruments TNETE2004PGJ Datasheet HTML 13Page - Texas Instruments TNETE2004PGJ Datasheet HTML 14Page - Texas Instruments TNETE2004PGJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description
The TNETE2004 consists of four PHYs, with each PHY having several logical blocks (see the functional block
diagram and Table 1).
Table 1. Logical Blocks
LOGICAL BLOCKS
FUNCTION
Transmitter function
Accepts data from the data terminal equipment (DTE) and transmits it onto the network
Receiver function
Receives data from the network and sends it to the DTE
Collision/signal-quality error detection
Indicates to the DTE any collision on the network/transmitter with valid link
Jabber detection
Indicates to the DTE if a packet transmission exceeds 20-ms minimum
Auto-negotiation
Negotiate to establish the highest common protocol
Management-data interface
To allow register-based management operations for each PHY module
Link test
A link pulse is sent to indicate a valid connection.
LED status indicator
Indication for link, activity, and collision
Test port
IEEE Std 1149.1 test-access port and boundary-scan testing
Loopback test mode
Loopback capabilities are provided to allow certain tests to be performed to validate operation of
the TNETE2004.
Compatibility modes
Ease connection to third-party MACs
10BASE-T differential line-transmitter function
Each differential line driver of the TNETE2004 drives a balanced, properly terminated twisted-pair transmission
line with a characteristic impedance of 85
Ω to 111 Ω (see Figure 2). In the idle state, the driver maintains a
minimum differential output voltage, while staying within the required common-mode voltage range.
The driver incorporates an on-chip wave-shaping stage and a high-frequency filtering stage to allow the outputs
to be connected directly to isolation transformers through serial termination resistors. No external filters are
required.
Serial data for transmission by a PHY is presented to the appropriate transmit data (TXD) input of the
TNETE2004. To be valid, data must be synchronized on the appropriate edges of the transmit clock (TXCLK)
signal, which depends on the compatibility-mode setting.
Once the transmit-enable (TXEN) pin is deasserted for a PHY, the driver maintains full differential outputs for
a minimum of 250 ns, which then begins to decay to minimum differential levels.
The PHY also transmits regular link pulses in compliance with IEEE Std 802.3.
10BASE-T differential line-receiver function
The line-receiver pins of each PHY must be connected to a properly terminated transmission line by an external
isolation transformer. The receiver establishes its own common-mode input-bias voltage. Data received from
the network is output on RXD of the appropriate PHY and synchronized by the appropriate edges of the
corresponding RXCLK signal, which depends on the compatibility-mode setting.
The receiver incorporates a squelch function to pass incoming data. This smart squelch function passes data
only if the input amplitude is greater than a minimum signal threshold and if a specific pulse sequence is
received. This protects input data from impulse line noise being mistaken for signal or link activity. The squelch
circuits quickly deactivate if received pulses exceed the specifications; thus, overly long pulses are not mistaken
as link pulses.
Carrier sense (CRS) is driven high while the squelch function is active to indicate that the circuit is allowing data
to pass from the twisted pair. CRS is driven low when the squelch circuit is disabling data low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com