Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETE2201BPJD Datasheet HTML 12Page - Texas Instruments TNETE2201BPJD Datasheet HTML 13Page - Texas Instruments TNETE2201BPJD Datasheet HTML 14Page - Texas Instruments TNETE2201BPJD Datasheet HTML 15Page - Texas Instruments TNETE2201BPJD Datasheet HTML 16Page - Texas Instruments TNETE2201BPJD Datasheet HTML 17Page - Texas Instruments TNETE2201BPJD Datasheet HTML 18Page - Texas Instruments TNETE2201BPJD Datasheet HTML 19Page - Texas Instruments TNETE2201BPJD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
The TNETE2201B incorporates the latest development in TI’s package line. The new patent-pending design,
designated the PWP, delivers thermal performance comparing to a heat-spreader design in a true low-profile
package. The PWP for the TNETE2201B is designed to maximize heat transfer away from the die through the
top of the chip. As seen in Figures 9 and 10 the bottom of the leadframe is deep downset towards the top of
the chip, providing a thermal path away from the die and board. All this has been accomplished without
exceeding the 1.15 mm height of the TQFP. This package in the 10mm
× 10mm TQFP (PJD) provides a thermal
resistance RθJA of 40°C/W and the package in the 14mm × 14mm TQFP (PHD) provides a RθJA of 40°C/W.
Figure 9. Heat-Spreader Design
Figure 10. Leadframe Downset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com