Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETE2201BPJD Datasheet HTML 5Page - Texas Instruments TNETE2201BPJD Datasheet HTML 6Page - Texas Instruments TNETE2201BPJD Datasheet HTML 7Page - Texas Instruments TNETE2201BPJD Datasheet HTML 8Page - Texas Instruments TNETE2201BPJD Datasheet HTML 9Page - Texas Instruments TNETE2201BPJD Datasheet HTML 10Page - Texas Instruments TNETE2201BPJD Datasheet HTML 11Page - Texas Instruments TNETE2201BPJD Datasheet HTML 12Page - Texas Instruments TNETE2201BPJD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
loop-back testing
The transceiver can provide a self-test function by enabling (LOOPEN to high level) the internal loop-back path.
Enabling LOOPEN causes serially transmitted data to be routed internally to the receiver. The parallel data
output can be compared to the parallel input data for functional verification. The external differential output is
held in a static state during loop-back testing.
absolute maximum ratings†
Supply voltage, VCC (see Note 2)
−0.5 to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (TTL, PECL)
−0.5 to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current IO, (TTL)
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current IO, (PECL)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any terminal
−0.5 to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge, 5-V tolerant input terminals (see Note 3)
Class 1, A:1 kV, B:150 V
. . . . . . . . . . . . . .
Electrostatic discharge, all other terminals (see Note 3)
Class 1, A:2 kV, B:200 V
. . . . . . . . . . . . . . . . . . . . . .
Characterized free-air operating temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. All voltage values, except differential I/O bus voltages, are with respect to network ground.
3. This parameter is tested in accordance with MIL-PRF-38535.
recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3.14
3.3
3.47
V
Supply current, ICC (static)
Static pattern†
180
260
mA
Power dissipation, PD (static)
Outputs open,
Static pattern†
590
900
mW
Supply current, ICC (dynamic)
K28.5
240
330
mA
Power dissipation, PD (dynamic)
Outputs open,
K28.5
790
1150
mW
Operating free-air temperature, TA
0
70
°C
† Power (static pattern) = 125 MHz to the receiver and 5 ones and 5 zeros to the transmitter.
reference clock (REFCLK) timing requirements over recommended operating conditions (unless
otherwise noted)†
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Frequency
TYP −
0.01%
125
TYP +
0.01%
MHz
Accuracy
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random and deterministic
40
ps
† This clock should be crystal referenced to meet the requirements of the this table. The maximum rate of frequency change specified is valid after
10 seconds from power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com