Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJD Datasheet(HTML) 5 Page - Texas Instruments

  TNETE2201BPJD Datasheet HTML 1Page - Texas Instruments TNETE2201BPJD Datasheet HTML 2Page - Texas Instruments TNETE2201BPJD Datasheet HTML 3Page - Texas Instruments TNETE2201BPJD Datasheet HTML 4Page - Texas Instruments TNETE2201BPJD Datasheet HTML 5Page - Texas Instruments TNETE2201BPJD Datasheet HTML 6Page - Texas Instruments TNETE2201BPJD Datasheet HTML 7Page - Texas Instruments TNETE2201BPJD Datasheet HTML 8Page - Texas Instruments TNETE2201BPJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
I/O and DATA
DOUT_TXP
DOUT_TXN
62
61
Output
Differential output transmit. DOUT_TXP and DOUT_TXN are differential serial outputs that interface
to a copper or an optical I/F module. These terminals transmit NRZ data at a rate of 1.25 Gbps.
DOUT_TXP and DOUT_TXN are held static when LOOPEN is high and are active when LOOPEN is
low.
DIN_RXP
DIN_RXN
54
52
Input
Differential input receive. DIN_RXP and DIN_RXN together are the differential serial input interface
from a copper or an optical I/F module. These terminals receive NRZ data at a rate of 1.25 Gbps and
are active when LOOPEN is held low.
LCKREFN
27
Input
Lock to reference. When LCKREFN is asserted low, the receive PLL phase locks to the supplied
REFCLK signal. LCKREFN prelocks or resets the receive PLL.
LOOPEN
19
Input
Loop enable. When LOOPEN is high (active), the internal loop-back path is activated. The
transmitted serial data is directly routed to the inputs of the receiver. This provides a self-test
capability in conjunction with the protocol device. The DOUT_TXP and DOUT_TXN outputs are held
static during the loop-back test. LOOPEN is held low during standard operational state with external
serial outputs and inputs active.
RBC0
RBC1
31
30
Output
Receive byte clock. RBC0 and RBC1 are 62.5-MHz recovered clocks used for synchronizing the
10-bit output data on RD0 − RD9. The 10-bit output data words are valid on the rising edges of RBC0
and RBC1. These clocks are adjusted to half-word boundaries in conjunction with synchronous
detect. The clocks are always expanded during data realignment and never slivered or truncated.
RBC0 registers bytes 1 and 3 of received data. RBC1 registers bytes 0 and 2 of received data.
RC1,
RC0
49
48
Analog
Receive capacitor. RC0 and RC1 are external capacitor connections used for the receiver internal
PLL filter. The recommend value for this external capacitor is 2 nF (a value of 0.1
µF can also be used,
see Note 1).
RD0 − RD9
45,44,43,41
40,39,38,36
35,34
Output
Receive data. These outputs carry 10-bit parallel data output from the transceiver to the protocol
layer. The data is referenced to terminals RBC0 and RBC1. Received data byte 0, which contains the
K28.5 character, is byte aligned to the rising edge of RBC1. RD0 is the first bit received.
REFCLK
22
Input
Reference clock. REFCLK is an external 125 MHz input clock that synchronizes the receiver and
transmitter interfaces. The transmitter uses this clock to register the 10-bit input data (TD0..TD9) for
serialization. REFCLK is also used as a RX PLL preset or reference when LCKREFN is enabled.
SYNC
47
Output
Synchronous detect. SYNC is asserted high upon detection of the K28.5 character in the serial data
path. SYNC is a high level for 1/2 REFCLK period. SYNC pulses are output only when SYNCEN is
activated (asserted high). Note: SYNC is active on byte0 and, therefore, active on rising edge of
RCB1.
SYNCEN
24
Input
Synchronous function enable. When SYNCEN is asserted high, the internal synchronization function
is activated. When this function is enabled, the transceiver detects the K28.5 character (0011111010
negative beginning disparity) in the serial data stream and realigns data on byte boundaries if
required. When SYNCEN is low, serial input data is unframed in RD0 − RD9.
TC1
TC0
16
17
Analog
Transmit capacitor. TC0 and TC1 are external capacitor connections used for the transmitter internal
PLL filter. The recommended value of this external capacitor is 2 nF (a value of 0.1
µF can also be
used, see Note 1).
TD0 − TD9
2,3,4,6
7,8,9,11
12,13
Input
Transmit data. These inputs carry 10-bit parallel data output from a protocol device to the transceiver
for serialization and transmission. This 10-bit parallel data is clocked into the transceiver on the rising
edge of REFCLK and transmitted as a serial stream with TD0 sent as the first bit.
NOTE 1: A filter capacitor value of 0.1
µF can be used with the following consideration: The tracking bandwidth of the PLL will be reduced due
to the larger filter capacitor. This reduces the transmit and receive PLL’s ability to reject low-frequency noise or wonder in the voltage
supply or datastream. Care must be taken in the filtering of the supply VCC_TX (terminal 18) and VCC_RX (terminal 50) to reject power
supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com