Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETE2201BPJD Datasheet HTML 9Page - Texas Instruments TNETE2201BPJD Datasheet HTML 10Page - Texas Instruments TNETE2201BPJD Datasheet HTML 11Page - Texas Instruments TNETE2201BPJD Datasheet HTML 12Page - Texas Instruments TNETE2201BPJD Datasheet HTML 13Page - Texas Instruments TNETE2201BPJD Datasheet HTML 14Page - Texas Instruments TNETE2201BPJD Datasheet HTML 15Page - Texas Instruments TNETE2201BPJD Datasheet HTML 16Page - Texas Instruments TNETE2201BPJD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER SECTION
differential electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VID |P
Receive input voltage (peak) (
RXP − RXN)
See Figure 5
200
1300
mV
receiver and phase-locked loop performance characteristics over recommended operating
conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT†
Jitter tolerance
See P802.3Z specification
74.9%
UI
From power up at 2 nF capacitor value
500
µs
Data acquisition lock time
From power up at 0.1
µF capacitor value
(See Note 4)
10
ms
Data relock time
From synchronization loss
2500
ns
† UI is the unit interval of a single bit (800 ps).
NOTE 4: A filter capacitor value of 0.1
µF can be used with the following consideration: The tracking bandwidth of the PLL will be reduced due
to the larger filter capacitor. This reduces the transmit and receive PLL’s ability to reject low-frequency noise or wonder in the voltage
supply or datastream. Care must be taken in the filtering of the supply VCC_TX (terminal 18) and VCC_RX (terminal 50) to reject power
supply noise.
receive clock timing requirements over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Clock frequency, RBC0
62.5
MHz
fclk
Clock frequency, RBC1 (180 deg out of phase with RBC0)
62.5
MHz
tr4
Data rise time
See Figure 6
0.7
4
ns
tf4
Data fall time
See Figure 6
0.7
4
ns
tr5
Rise time, single-ended output signal on RBC0 or RBC1
See Figure 6
0.7
2
ns
tf5
Fall time, single-ended output signal on RBC0 or RBC1
See Figure 6
0.7
2
ns
Duty cycle, RBC0 or RBC1
40%
60%
t(skew)
Skew time, RBC1
↑ to RBC0 ↑
See Figure 7
7.5
8
8.5
ns
tsu2
Setup time, RD0 − RD9, SYNC valid to RBC0
↑
See Figure 7
2.5
ns
tsu3
Setup time, RD0 − RD9, SYNC valid to RBC1
↑
See Figure 7
2.5
ns
tsu4
Setup time, RBC1
↑ to RD0 − RD9, SYNC invalid
See Figure 7
1.5
ns
tsu5
Setup time, RBC1
↑ to RD0 − RD9, SYNC invalid
See Figure 7
1.5
ns
Serial-to-parallel data latency
18
ns
† t(drift) is the minimum time for RBC0 or RBC1 to drift from 63.5 MHz to 64.5 MHz or from 60 MHz to 59 MHz from the RCLK lock value. This is
applicable under all input signal conditions with PLL locked to the REFCLK of DATA signals.
|VID |
0 V
|VID |P
Figure 5. Differential Input Voltage (Peak-to-Peak) Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com