Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETE2201BPJD Datasheet HTML 2Page - Texas Instruments TNETE2201BPJD Datasheet HTML 3Page - Texas Instruments TNETE2201BPJD Datasheet HTML 4Page - Texas Instruments TNETE2201BPJD Datasheet HTML 5Page - Texas Instruments TNETE2201BPJD Datasheet HTML 6Page - Texas Instruments TNETE2201BPJD Datasheet HTML 7Page - Texas Instruments TNETE2201BPJD Datasheet HTML 8Page - Texas Instruments TNETE2201BPJD Datasheet HTML 9Page - Texas Instruments TNETE2201BPJD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
POWER
VCC_A
20,28,29,53
55,57,59,60
63
Supply
Analog power. VCC_A provides a supply reference voltage for the high-speed analog circuits.
VCC_CMOS
5,10,23,
Supply
Digital PECL logic power. VCC_CMOS provides an isolated low-noise power supply for the logic
circuits.
VCC_RX
50
Supply
Receiver power. VCC_RX provides a low-noise supply reference voltage for the receiver high-speed
analog circuits.
VCC_TTL
42,37
Supply
TTL power. VCC_TTL provides a supply reference voltage for the receiver TTL circuits.
VCC_TX
18
Supply
Transmitter power. VCC_TX provides a low-noise supply reference voltage for the transmitter
high-speed analog circuits.
GROUND
GND_A
21,32,56,64
Ground
Analog ground. GND_A provides a ground reference for the high-speed analog circuits.
GND_CMOS
1,14,
25,58
Ground
Digital PECL logic ground. GND_CMOS provides an isolated low-noise ground for the logic circuits.
GND_RX
51
Ground
Receiver ground. GND_RX provides a ground reference for the receiver circuits.
GND_TTL
33,46
Ground
TTL circuit ground. GND_TTL provides a ground for TTL interface circuits.
GND_TX
15
Ground
Transmitter ground. GND_TX provides a ground reference for the transmitter circuits.
MISCELLANEOUS
RESERVED
26
Reserved. Internally pulled to GND, leave open or assert low.
detailed description
data transmission
The transmitter registers incoming 10-bit-wide data words (8b/10b encoded data, TD0...TD9) on the rising edge
of REFCLK (125 MHz). The reference clock is also used by the serializer, which multiplies the clock by a factor
of 10 providing a 1.25 Gbaud signal that is fed to the shift register. The data is then transmitted differentially at
PECL voltage levels. The 8b/10b encoded data is transmitted sequentially bit 0 through 9.
transmission latency
The data transmission latency of the TNETE2201B is defined as the delay from the initial 10-bit word load to
the serial transmission of bit 9. The typical transmission latency is 9 ns.
data reception
The receiver of the TNETE2201B deserializes 1.25 Gbps differential serial data. The 8b/10b data (or equivalent)
is retimed based on an extracted clock from the serial data. The serial data is then aligned to the 10-bit word
boundaries and presented to the protocol controller along with two receive byte clocks (RBC0, RBC1). RBC0
and RBC1 are 180 degrees out of phase and are generated by dividing down the recovered 1.25 Gbps
(625 MHz) clock by 10 providing for two 62.5-MHz signals. The receiver presents the protocol device byte 0 of
the received data valid on the rising edge of RBC1.
NOTE:
This allows the option of byte alignment without the use of the synchronous detection
(SYNC) function by the protocol device.
The receiver PLL can lock to the incoming 1.25 GHz data without the need for a lock-to-reference preset. The
received serial data rate (RX+ and RX−) should be 1.25 Gbps
±0.01% (100 ppm) for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com