Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETE2201BPJD Datasheet HTML 11Page - Texas Instruments TNETE2201BPJD Datasheet HTML 12Page - Texas Instruments TNETE2201BPJD Datasheet HTML 13Page - Texas Instruments TNETE2201BPJD Datasheet HTML 14Page - Texas Instruments TNETE2201BPJD Datasheet HTML 15Page - Texas Instruments TNETE2201BPJD Datasheet HTML 16Page - Texas Instruments TNETE2201BPJD Datasheet HTML 17Page - Texas Instruments TNETE2201BPJD Datasheet HTML 18Page - Texas Instruments TNETE2201BPJD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Host
Protocol
Device
TD0 − TD9
10
/
REFCLK
LCKREFN
LOOPEN
SYNCEN
SYNC
RD0 − RD9
RBC0,RBC1
RC1
RC0
DOUT_TXP
DOUT_TXN
DIN_RXP
DIN_RXN
TC1
TC0
VCC_TX
VCC_RX
Controlled Impedance
Transmission Line
Controlled Impedance
Transmission Line
Controlled Impedance
Transmission Line
Controlled Impedance
Transmission Line
PLL Filter
Capacitor = 2 nF or 0.1
µF
(see Note C)
PLL Filter
Capacitor = 2 nF or 0.1
µF
(see Note C)
TNETE2201B
3.3 V
3.3 V
10
/
2
/
50
18
22
27
19
24
47
31,30
62
61
54
52
49
48
16
17
GND_RX
GND_TX
51
15
Ferrite Bead
Ferrite Bead
0.01
µF
0.01
µF
R(pd)
(see Note A)
5
Ω at 100 MHz
50
Ω − 75 Ω
Vt
(see Note B)
NOTES: A. R(pd) − This value is set to match the falling edge to rising edge transistion times, typically 150
Ω. to 220 Ω..
B. Vt (termination voltage): Vt = VCC − 1.3 V, if ac coupled
Vt = VCC − 2 V, if directly coupled.
C. A filter capacitor value of 0.1
µF can be used with the following consideration: The tracking bandwidth of the PLL will be reduced
due to the larger filter capacitor. This reduces the transmit and receive PLL’s ability to reject low-frequency noise or wonder in the
voltage supply or datastream. Care must be taken in the filtering of the supply VCC_TX (terminal 18) and VCC_RX (terminal 50) to
reject power supply noise.
Figure 8. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com