Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 34Page - Texas Instruments TNETX3150 Datasheet HTML 35Page - Texas Instruments TNETX3150 Datasheet HTML 36Page - Texas Instruments TNETX3150 Datasheet HTML 37Page - Texas Instruments TNETX3150 Datasheet HTML 38Page - Texas Instruments TNETX3150 Datasheet HTML 39Page - Texas Instruments TNETX3150 Datasheet HTML 40Page - Texas Instruments TNETX3150 Datasheet HTML 41Page - Texas Instruments TNETX3150 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port statistics compilation
The port statistics are updated, depending on the frequency of updates required to maintain a constant
bandwidth to the statistics RAM. This ensures that a recordable event is not ignored.
The memory map for one port of the statistics RAM is shown in the section port statistics map.
DIO access to counter statistics
When accessing the statistics values from the DIO port, it is necessary to perform four 1-byte DIO reads, to
obtain the full 32-bit counter. To prevent the chance of the counter being updated while reading the four bytes,
the user should access the low byte first, followed by the upper three bytes. On reading the low byte, the counter
statistic value is transferred to a 32-bit holding register before being placed on the DIO bus. The register is
updated only when reading the low byte of the counter statistic. The user does not see spurious data due to an
update occurring during the read.
test access to statistics memory
Test access to the statistics RAM is provided via the DIO port after the TNETX3150/TNETX3150A has been
soft reset (or following power on before the START bit has been set). In this mode, all locations of the RAM can
be written to and read from. Once the start bit has been set, only read access is permitted to the RAM.
clearing statistics counter memory
The statistics RAM can be requested to clear at any time during operation. This is achieved by setting the
CLRSTS bit in the system control register (DIO 0xC3). This bit is latched. When set, the next statistics update
cycle writes zero to all counters in the statistics RAM before resetting the latched bit. If the CLRSTS bit has not
been reset by the user, the latched bit is set again, causing the TNETX3150/TNETX3150A to load zero into the
statistics counters again. This continues until the CLRSTS bit is reset by the user. Soft reset has no effect on
the statistics counters (their contents are not cleared during a soft reset). A hard reset causes the statistics
counters to reset to zero. Port statistics cannot be cleared on a per-port basis.
FIFO RAM access
FIFO RAM access for test is provided via the DIO interface. This allows full RAM access for RAM purposes.
User access to the FIFO is allowed only following a soft reset, but before the start bit is written (or after power
up, but before the start bit is written). The soft reset bit should be asserted then deasserted. If the soft reset bit
is not cleared, the TNETX3150/TNETX3150A holds the DRAM refresh state machine in reset and the contents
of the external memory become invalid.
EEPROM read/write
EEPROM terminals ECLK and EDIO are a direct reflection of the ECLOK and EDATA bits (SIO/XCTL register)
respectively. See
EEPROM interface for additional information.
DRAM read/write
DRAM is accessed by properly configuring the DRAM test access resistors and setting the MTEST bit at 00C2.
TNETX3150/TNETX3150A condensed DIO memory map
Table 8 illustrates the condensed DIO memory map. Each section is expanded in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com