Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 83 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 79Page - Texas Instruments TNETX3150 Datasheet HTML 80Page - Texas Instruments TNETX3150 Datasheet HTML 81Page - Texas Instruments TNETX3150 Datasheet HTML 82Page - Texas Instruments TNETX3150 Datasheet HTML 83Page - Texas Instruments TNETX3150 Datasheet HTML 84Page - Texas Instruments TNETX3150 Datasheet HTML 85Page - Texas Instruments TNETX3150 Datasheet HTML 86Page - Texas Instruments TNETX3150 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
83
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
glossary (continued)
TX data errors
This statistic is switchable between:
1.
The number of transmit frames discarded on transmission due to lack of resources (i.e., the transmit queue
is full). This allows queue monitoring for dynamic queue sizing and buffer allocation.
2.
The number of data errors at transmission. This is incremented when a mismatch is seen between a
received good CRC and a checked CRC at transmission or when a partial frame is transmitted due to a
receive underrun.
The function this counter performs is selected by the STMAP bit (bit 3) of the system control register.
TX H/W errors
The function of this counter is performed by the TX data errors counter.
TX octets
This contains a count of data and padding octets of frames that were successfully transmitted. See
IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 5.
unallocated memory
Due to the memory configuration, an additional 16 words of memory are created. Address 0x980–0x9FF are
reserved.
undersize RX frames
The total number of packets received that were less than 64 octets long (excluding framing bits, but including
FCS octets) and were otherwise well formed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com