Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 61 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 57Page - Texas Instruments TNETX3150 Datasheet HTML 58Page - Texas Instruments TNETX3150 Datasheet HTML 59Page - Texas Instruments TNETX3150 Datasheet HTML 60Page - Texas Instruments TNETX3150 Datasheet HTML 61Page - Texas Instruments TNETX3150 Datasheet HTML 62Page - Texas Instruments TNETX3150 Datasheet HTML 63Page - Texas Instruments TNETX3150 Datasheet HTML 64Page - Texas Instruments TNETX3150 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
read cycle timing (continued)
S
P
S
t
o
p
S
t
a
r
t
Data
Slave Address
EDIO
DIO
Interface
24C02
A
c
k
0
0
0
a) Current Address Read
S
S
t
a
r
t
Word Address
Slave Address
EDIO
DIO
Interface
24C02
A
c
k
A
c
k
0
0
0
S
P
S
t
o
p
S
t
a
r
t
Data n
Slave Address
A
c
k
0
0
0
b) Random Read
P
S
t
o
p
Data n + x
Data n + 1
Slave
Address
EDIO
24C02
A
c
k
A
c
k
A
c
k
A
c
k
Data n + 2
Data n + 1
c) Sequential Read
DIO
Interface
Figure 21. Typical Read Operations
LED interface
LED interface allows a visual status for each port to be displayed (see Figure 22). The data supplied is
multiplexed between port status and transmit queue congestion information. The data type is determined by
the two strobe signals. Port status information is latched on the LEDSTR0 signal. Transmit queue congestion
information is latched on the LEDSTR1 signal.
The LED port status output is driven low when the port state is suspended or disabled, except where suspension
is caused by link loss. During normal operation, the output is high. The transmit queue congestion status is
driven low when the transmit queue length has become negative for a port (indicating no further frames can be
queued). For uncongested operation, the latched output is high. The LEDDATA is active low for simplified
implementations using standard TTL parts. During hardware reset, the TNETX3150/TNETX3150A turns on the
LEDs attached to it to provide indication that the TNETX3150/TNETX3150A is in reset. The LEDCLK is free
running, LEDSTR0 and LEDSTR1 are held high, and LEDDATA is taken low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com