Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 11Page - Texas Instruments TNETX3150 Datasheet HTML 12Page - Texas Instruments TNETX3150 Datasheet HTML 13Page - Texas Instruments TNETX3150 Datasheet HTML 14Page - Texas Instruments TNETX3150 Datasheet HTML 15Page - Texas Instruments TNETX3150 Datasheet HTML 16Page - Texas Instruments TNETX3150 Datasheet HTML 17Page - Texas Instruments TNETX3150 Datasheet HTML 18Page - Texas Instruments TNETX3150 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
direct input/output (DIO) and statistics interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SAD1
W24
I
DIO address SAD1 SAD0 selects the TNETX3150/TNETX3150A host registers
SAD0
W23
I
DIO address. SAD1–SAD0 selects the TNETX3150/TNETX3150A host registers.
SCS
W25
I
DIO chip select. When low, SCS indicates a port access is valid.
SDATA7
AA25
SDATA6
AA24
SDATA5
AA23
SDATA4
Y26
I/O
DIO data SDATA7 SDATA0 is bidirectional byte wide data
SDATA3
Y25
I/O
DIO data. SDATA7–SDATA0 is bidirectional byte-wide data.
SDATA2
Y24
SDATA1
Y23
SDATA0
W26
SRDY
AA26
O
DIO ready. When low, SRDY indicates to the host that data is ready to be read. SRDY also indicates
when data has been received for the write cycle. The TNETX3150/TNETX3150A drives SRDY high
for one clock cycle before placing the output in the high-impedance (Z) state after SCS is taken high.
SRDY should be pulled high with an external pullup resister.
SRNW
V26
I
DIO read not write. When low, SRNW indicates a write cycle on the DIO port.
EEPROM interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ECLK
AF21
O
EEPROM data clock. ECLK is the serial EEPROM clock and requires an external pullup resistor.
EDIO
AE21
I/O
EEPROM data input/output. EDIO is the serial EEPROM data I/O signal that requires an external pullup (see
EEPROM data sheet) for EEPROM operation. Tying this terminal to ground disables the EEPROM interface
and prevents auto-configuration.
LED activity interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
LEDCLK
AC20
O
LED clock. LEDCLK is the serial-shift clock for the LED-status data.
LEDDATA
AD20
O
LED data. LEDDATA is the active-low serial data signal for the LED-status data.
LEDSTR0
AE20
O
LED strobe (port status). One LEDCLK cycle after the end of port status valid data, LEDSTR0 pulses high
for one LEDCLK cycle.
LEDSTR1
AF20
O
LED strobe (transmit-queue status). One LEDCLK cycle after the end of transmit-queue status valid data,
LEDSTR1 pulses high for one LEDCLK cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com