Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 70 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 66Page - Texas Instruments TNETX3150 Datasheet HTML 67Page - Texas Instruments TNETX3150 Datasheet HTML 68Page - Texas Instruments TNETX3150 Datasheet HTML 69Page - Texas Instruments TNETX3150 Datasheet HTML 70Page - Texas Instruments TNETX3150 Datasheet HTML 71Page - Texas Instruments TNETX3150 Datasheet HTML 72Page - Texas Instruments TNETX3150 Datasheet HTML 73Page - Texas Instruments TNETX3150 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
70
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
QMU – DRAM controller (continued)
The address lines are arranged to permit a wide range of memory sizes to be connected to a maximum of 22
address lines. The address lines are organized as shown in Table 13.
Table 13. Address-Line Organization
TERMINAL NAME
DX2
DX1
DX0
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
Address bit valid during DRAS
21
19
17
15
14
13
12
11
10
9
8
Address bit valid during DCAS
20
18
16
7
6
5
4
3
2
1
0
This prohibits the alignment of buffers to cross a page boundary, reducing buffer management complexity and
maintaining a high bandwidth.
address compare unit
The address compare unit provides the switching information required to route the data packets. The source
and destination Ethernet addresses are examined. Source addresses are used to determine the port’s address.
Destination addresses are used to determine the packet destination. If a match is found, the appropriate
destination channel address is generated and provided to the other internal components.
Each channel (except the uplink port) has an address compare register (see Figure 29). Each register holds
a 48-bit Ethernet address. The Ethernet source address is taken from a received frame and assigned to the
channel on which it was received. This occurs for each frame received. The destination address is compared
to the address registers. If matched, the channel address for the port is assigned. If no match is found for the
destination address, the frame is handled according to the ADRDIS and BRUN option bits. If BRUN (broadcast
to unassigned) is set, an unmatched frame is broadcast to all ports with unassigned addresses (requires
IOBMOD bit to be set). If BRUN is reset, the frame is handled according to the ADRDIS bit for the uplink (port
00). If the ADRDIS bit for port 00 is set, the unmatched frame is discarded. If reset, the unmatched frame is
transmitted from the uplink.
The address compare registers learn their Ethernet address, used for comparison, from the source address of
a received frame. The port address registers can be fully accessed via the DIO interface. This allows ports to
be set up and secured under management control, or port address monitored. For further details, see the
description of the TNETX3150/TNETX3150A registers.
As the frame is loaded the source address is compared against the source address attributed to that port. If the
address has changed and the port address acquired by the TNETX3150/TNETX3150A was secured, the port
may be suspended or disabled and an error logged. During this comparison, it is possible to detect multiple
entries of the same address in the compare unit. This also is an error, and it is meaningless to have the same
address applied to multiple ports.
If external address matching logic is not used, ports (1–14) must be confined to desktop (single address) and
not multiple-address switching. The uplink (port 00) supports multiple-address switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com