Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 99 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 95Page - Texas Instruments TNETX3150 Datasheet HTML 96Page - Texas Instruments TNETX3150 Datasheet HTML 97Page - Texas Instruments TNETX3150 Datasheet HTML 98Page - Texas Instruments TNETX3150 Datasheet HTML 99Page - Texas Instruments TNETX3150 Datasheet HTML 100Page - Texas Instruments TNETX3150 Datasheet HTML 101Page - Texas Instruments TNETX3150 Datasheet HTML 102Page - Texas Instruments TNETX3150 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
99
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Note 12 and Figure 40)
read cycle DIO interface
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
4
tw(SRDY)
Pulse duration, SRDY high
20
20
ns
5
td(SRNW)
Delay time, from SRDY
↓ to SRNW↓
0
0
ns
6
td(SAD)
Delay time, from SRDY
↓ to SAD1–SAD0 invalid
0
0
ns
7
td(SDATA)1
Delay time from SRDY
↓ to SDATA7–SDATA0 valid
3
2
ns
8
td(SDATA)2
Delay time from SCS
↑ to SDATA7–SDATA0 invalid
0
10
0
60
ns
9
td(SCS–SRDY)1
Delay time, SCS
↓ to SRDY↓
0
0
ns
10
td(SCS–SRDY)2
Delay time, SCS
↑ to SRDY↑
0
20
0
60
ns
NOTE 12: SRDY should be held high using an external pullup resistor to ensure correct system operation.
9
2
1
5
6
7
4
10
Address
Data
SCS
(input)
SRNW
(input)
SAD1–SAD0
(input)
SDATA7–SDATA0
(output)
SRDY
(output)
OSCIN
(input)
8
3
Z
Z
Figure 40. DIO Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com