Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 17Page - Texas Instruments OPA569 Datasheet HTML 18Page - Texas Instruments OPA569 Datasheet HTML 19Page - Texas Instruments OPA569 Datasheet HTML 20Page - Texas Instruments OPA569 Datasheet HTML 21Page - Texas Instruments OPA569 Datasheet HTML 22Page - Texas Instruments OPA569 Datasheet HTML 23Page - Texas Instruments OPA569 Datasheet HTML 24Page - Texas Instruments OPA569 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
OPA569
SBOS264A
21
www.ti.com
1M
Ω
OPT101(4)
5
4
3pF
R
1
10k
Ω
R
2
10k
Ω
OPA569
C
1
3.3nF
+5V
REF3025
LED
Luxeon
Star –0
High
Power
LED
+5V
3
2
1
12,
13
3
17,
18
19
+2.5V
+0.5V
NOTE: (1) Bypass as recommended.
(2) R
SET establishes current limit.
(3) R
MONITOR used to measure LED current.
(4) OPT101 Pin Numbers for DIP Package.
R
3
2.5k
Ω
C
2
0.01
µF
LED
OPT101
Glass Microscope Slide
Approximately
92% light
available for application.
Optical Calibration
≈ 8%
VB
8pF
PD
2
1
5
(1)
6
14,
15
3
8
R
SET
(2)
R
MONITOR
(3)
FIGURE 22. Power Booster for Precision Op Amp.
FIGURE 23. LED Output Regulation Circuit for Constant Optical Power.
R
L
2A max
6
7
4
2
3
1k
Ω
V
IN
OPA335
+5V(1)
14,
15
12,
13
17,
18
5
6
OPA569
+5V(1)
1k
Ω
NOTE: (1) Bypass as recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com