Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 8Page - Texas Instruments OPA569 Datasheet HTML 9Page - Texas Instruments OPA569 Datasheet HTML 10Page - Texas Instruments OPA569 Datasheet HTML 11Page - Texas Instruments OPA569 Datasheet HTML 12Page - Texas Instruments OPA569 Datasheet HTML 13Page - Texas Instruments OPA569 Datasheet HTML 14Page - Texas Instruments OPA569 Datasheet HTML 15Page - Texas Instruments OPA569 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
OPA569
SBOS264A
12
www.ti.com
APPLICATIONS INFORMATION
BASIC CONFIGURATION
Figure 1 shows the OPA569 connected as a basic non-
inverting amplifier; however, the OPA569 can be used in
virtually any op amp configuration. A current limit setting
resistor (RSET, in Figure 1) is essential to the OPA569’s
operation, and cannot be omitted.
Power-supply terminals should be bypassed with low series
impedance capacitors. Using a larger tantalum and smaller
ceramic type in parallel is recommended. Power-supply
wiring should have low series impedance.
POWER SUPPLIES
The OPA569 operates with excellent performance from a
single (+2.7V to +5.5V) supply or from dual supplies. Power
supply voltages do not need to be equal as long as the total
voltage remains below 5.5V. Parameters that vary signifi-
cantly with operating voltage are shown in the typical charac-
teristics section.
ADJUSTABLE CURRENT LIMIT AND CURRENT
LIMIT FLAG PIN
The OPA569 provides over-current protection to the load
through its accurate, user-adjustable current limit (pin 3). The
current limit value, ILIMIT, can be set from 0.2A to 2.2A by
controlling the current through the Current Limit Set pin. The
current limit, ILIMIT, will be 9800 ISET; where ISET is the current
through the Current Limit Set pin. Setting the current limit
requires no special power resistors. The output current does
not flow through this pin.
Setting the current limit
As illustrated in Figure 2, the simplest method of setting the
current limit is to connect a resistor or potentiometer between
FIGURE 1. Basic Connections.
FIGURE 2. Setting the Current Limit—Resistor Method.
V
IN
R
1
R
2
47
µF
Enable(2)
47
µF
0.1
µF
Current
Limit Set
47
µF
12,
13
14,
15
19
5
6
8
3
17,
18
0.1
µF
R
SET (Ω)ILIMIT (A)
23.2k
11.5k
7.68k
5.76k
0.5
1.0
1.5
2.0
R
SET
(1)
V+
NOTES: (1) R
SET sets the current
limit value from 0.2A to 2.2A.
R
SET can be a potentiometer to
easily adjust current limit and
calibrate out errors at the current
limit node. (2) Enable—pull LOW
to disable output.
V
O
I
MONITOR
V–
OPA569
R
SET
V
ADJUST
(1)
(b) Resistor/Voltage Source Method
NOTE: (1) This voltage source must be able to
sink the current from the Current Limit Set pin,
which is I
LIMIT/9800.
1.18V
V–
I
LIMIT = 9800 (1.18V – VADJUST)
R
SET
5
6
3
14,
15
17,
18
5
6
3
14,
15
17,
18
R
POT
(a) Resistor or Potentiometer Method
Putting a set resistor in series with the potentiometer
will prevent potential short-circuit on pin.
1.18V
V–
I
LIMIT = 9800 (1.18V/RSET)
the current limit set pin and V–, the negative supply, accord-
ing to the formula:
ILIMIT = 9800 • (1.18V/RSET)
Alternatively, the output current limit can be set by applying
a voltage source in series with a resistance using the equa-
tion:
ILIMIT = 9800 • [(1.18V – VADJUST)/RSET]
The voltage source will be referenced to V–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com